Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR7536-1 Datasheet(PDF) 9 Page - Leshan Radio Company

Part # LR7536-1
Description  100mA CMOS Low Power LDO Low power consumption
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR7536-1 Datasheet(HTML) 9 Page - Leshan Radio Company

  LR7536-1 Datasheet HTML 1Page - Leshan Radio Company LR7536-1 Datasheet HTML 2Page - Leshan Radio Company LR7536-1 Datasheet HTML 3Page - Leshan Radio Company LR7536-1 Datasheet HTML 4Page - Leshan Radio Company LR7536-1 Datasheet HTML 5Page - Leshan Radio Company LR7536-1 Datasheet HTML 6Page - Leshan Radio Company LR7536-1 Datasheet HTML 7Page - Leshan Radio Company LR7536-1 Datasheet HTML 8Page - Leshan Radio Company LR7536-1 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LESHAN RADIO COMPANY, LTD.
L R75XX
9/9
5-pin SOT-25 Outline Dimensions
Dimensions in mm
Symbol
Min.
Nom.
Max.
A
1.00
——
1.30
A1
——
——
0.10
A2
0.70
——
0.9
b
0.35
——
0.5
C
0.10
——
0.25
D
2.70
——
3.10
E
1.40
——
1.80
e
——
1.09
——
H
2.60
——
3
L
0.37
——
——
Ө
9


Similar Part No. - LR7536-1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LR75 SCHNEIDER-LR75 Datasheet
86Kb / 2P
   Non-contact radar level transmitter for liquids in narrow tanks w. internal obstructions
Apr 26, 2022
logo
Seoul Semiconductor
LR750Z SEOUL-LR750Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LR751 SEOUL-LR751 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LR751 SEOUL-LR751 Datasheet
360Kb / 13P
   CYAN LAMP LED
LR751 SEOUL-LR751 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LR7536-1

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
WL2805N-HF-3 KEXIN-WL2805N-HF-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
logo
Will Semiconductor Ltd.
WL2805 WILLSEMI-WL2805 Datasheet
1Mb / 9P
   Low power consumption, CMOS LDO
WL2815 WILLSEMI-WL2815 Datasheet
889Kb / 9P
   Low power consumption, CMOS LDO
logo
Guangdong Kexin Industr...
WL2805N-HF KEXIN-WL2805N-HF Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
WL2805N KEXIN-WL2805N Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
logo
Holtek Semiconductor In...
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
logo
SHANGHAI BELLING CO., L...
BL91XX BELLING-BL91XX Datasheet
449Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7530-2 HOLTEK-HT7530-2 Datasheet
96Kb / 9P
   100mA Low Power LDO
HT75XX-1 HOLTEK-HT75XX-1_13 Datasheet
1Mb / 20P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com