Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR6155E6-OC Datasheet(PDF) 8 Page - Leshan Radio Company

Part # LR6155E6-OC
Description  150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6155E6-OC Datasheet(HTML) 8 Page - Leshan Radio Company

  LR6155E6-OC Datasheet HTML 1Page - Leshan Radio Company LR6155E6-OC Datasheet HTML 2Page - Leshan Radio Company LR6155E6-OC Datasheet HTML 3Page - Leshan Radio Company LR6155E6-OC Datasheet HTML 4Page - Leshan Radio Company LR6155E6-OC Datasheet HTML 5Page - Leshan Radio Company LR6155E6-OC Datasheet HTML 6Page - Leshan Radio Company LR6155E6-OC Datasheet HTML 7Page - Leshan Radio Company LR6155E6-OC Datasheet HTML 8Page - Leshan Radio Company LR6155E6-OC Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Vout1
Vout2
Vout1
Vout2
A
1.5V
2.5V
N
2.8V
2.5V
B
1.5V
2.8V
O
2.8V
2.8V
C
1.5V
3.0V
P
2.8V
3.0V
D
1.5V
3.3V
Q
3.0V
2.5V
E
1.5V
4.0V
R
3.0V
3.0V
F
1.8V
1.8V
S
3.0V
3.3V
G
1.8V
2.5V
T
3.3V
1.8V
H
1.8V
2.8V
U
3.3V
2.5V
I
1.8V
3.0V
V
3.3V
2.8V
J
1.8V
3.3V
W
5.0V
3.3V
K
2.5V
1.8V
X
2.8V
1.5V
L
2.5V
2.5V
Y
M
2.8V
1.8V
Z
MARKING DIAGRAM
LESHAN RADIO COMPANY, LTD.
1: "L"
2: Vout,See Below List 1.
3: Annual,for example "9" for "2009" ;
4: Weeks,See Below List 2.
List 1
List 2
TSOP-6(C)
TSOP-6(D)
Code
Week
of Mfg
Code
Week
of Mfg
Code
Week
of Mfg
Code
Week
of Mfg
Code
Week
of Mfg
A
1
L
12
W
23
H
34
S
45
B
2
M
13
X
24
I
35
T
46
C
3
N
14
Y
25
J
36
U
47
D
4
O
15
Z
26
K
37
V
48
E
5
P
16
A
27
L
38
W
49
F
6
Q
17
B
28
M
39
X
50
G
7
R
18
C
29
N
40
Y
51
H
8
S
19
D
30
O
41
Z
52
I
9
T
20
E
31
P
42
J
10
U
21
F
32
Q
43
K
11
V
22
G
33
R
44
"0" for "2010".
8/9
Ver 2.0 Apr 2010
2.8V
3.3V


Similar Part No. - LR6155E6-OC

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR6156 LRC-LR6156 Datasheet
385Kb / 7P
   Dual 300mA High PSRR LDO Two low dropout voltage regulators
More results

Similar Description - LR6155E6-OC

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com