Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR8808-1.8 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR8808-1.8
Description  Micropocessor Reset Circuits junction temperature range for operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8808-1.8 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR8808-1.8 Datasheet HTML 1Page - Leshan Radio Company LR8808-1.8 Datasheet HTML 2Page - Leshan Radio Company LR8808-1.8 Datasheet HTML 3Page - Leshan Radio Company LR8808-1.8 Datasheet HTML 4Page - Leshan Radio Company LR8808-1.8 Datasheet HTML 5Page - Leshan Radio Company LR8808-1.8 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pin Descriptions
SOT23
SOT23-5
Pin No
A
M
R
1
Gnd
Vout
Vout
2
Vout
Gnd
Vcc
3
Vcc
Vcc
Gnd
4
No connection
5
No connection
Connection Diagrams
SOT23 package
SOT23-5 package
Ordering Information
The package type,the detector threshold,the output type and the taping type of LR8808 series can be designated at user’s request
as following:
CODE
SYMBOL
DESCRIPTION
a
1.5~6.0
Detect Voltage
C
CMOS Output
b
N
Nch open drain Output
A/M
Package:SOT23
c
R
Package:SOT23-5
Absolute Maximum Ratings
VIN
Gnd to Gnd +10V
VOUT
Gnd to Gnd +10V
Junction Temperature
−40°C to +85°C
Storage Temperature
−40°C to +125°C
Power Dissipation
SOT23
250mW
Operating Ratings
VIN
0.95V to 8V
VOUT
0 to VIN
Junction Temperature
−40°C to +85°C
Junction-to-Ambient Thermal
Resistance (θJA)
SOT23
301
°C /W
SOT23-5
220°C /W
2/6
LESHAN RADIO COMPANY, LTD.
LR8808


Similar Part No. - LR8808-1.8

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8808 LRC-LR8808_15 Datasheet
340Kb / 6P
   Micropocessor Reset Circuits
More results

Similar Description - LR8808-1.8

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8808 LRC-LR8808_15 Datasheet
340Kb / 6P
   Micropocessor Reset Circuits
logo
Shoulder Electronics Li...
HDF43392A1S6 SHOULDER-HDF43392A1S6 Datasheet
177Kb / 9P
   Operation Temperature Range
HDF787ES6 SHOULDER-HDF787ES6 Datasheet
163Kb / 8P
   Operation Temperature Range
HDF922AS6 SHOULDER-HDF922AS6 Datasheet
160Kb / 8P
   Operation Temperature Range
HDF948AS6 SHOULDER-HDF948AS6 Datasheet
161Kb / 8P
   Operation Temperature Range
logo
Seiko Instruments Inc
S-35740C01A-K8T2U SII-S-35740C01A-K8T2U Datasheet
2Mb / 31P
   Operation temperature range
logo
Shoulder Electronics Li...
HDBF14021A21 SHOULDER-HDBF14021A21 Datasheet
179Kb / 8P
   Operation Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
   Wide operation temperature range
logo
Integrated Device Techn...
6V49205B IDT-6V49205B Datasheet
338Kb / 16P
   Industrial temperature range operation
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LDSE-3D4K3-TR STANLEY-VSTW1154LDSE-3D4K3-TR Datasheet
991Kb / 24P
   Wide operation temperature range.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com