Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR9198-18 Datasheet(PDF) 10 Page - Leshan Radio Company

Part # LR9198-18
Description  300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR9198-18 Datasheet(HTML) 10 Page - Leshan Radio Company

Back Button LR9198-18 Datasheet HTML 4Page - Leshan Radio Company LR9198-18 Datasheet HTML 5Page - Leshan Radio Company LR9198-18 Datasheet HTML 6Page - Leshan Radio Company LR9198-18 Datasheet HTML 7Page - Leshan Radio Company LR9198-18 Datasheet HTML 8Page - Leshan Radio Company LR9198-18 Datasheet HTML 9Page - Leshan Radio Company LR9198-18 Datasheet HTML 10Page - Leshan Radio Company LR9198-18 Datasheet HTML 11Page - Leshan Radio Company LR9198-18 Datasheet HTML 12Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LR9198-2.8V Layout Circuit
C4
C3
VIN
VOUT
LR9198
VIN
1
GND
2
EN
3
NC
4
VOUT
5
JP
1
1
2
2
3
3
C1
VIN
VIN
TOP Layer Layout
BOTTOM Layer Layout
LESHAN RADIO COMPANY, LTD.


Similar Part No. - LR9198-18

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR9198 LRC-LR9198_15 Datasheet
734Kb / 12P
   Ultra-low Noise for RF Application
More results

Similar Description - LR9198-18

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com