Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR8558-21PRM Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR8558-21PRM
Description  Low noise, fast response 500mA LDO regulato
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8558-21PRM Datasheet(HTML) 6 Page - Leshan Radio Company

Back Button LR8558-21PRM Datasheet HTML 2Page - Leshan Radio Company LR8558-21PRM Datasheet HTML 3Page - Leshan Radio Company LR8558-21PRM Datasheet HTML 4Page - Leshan Radio Company LR8558-21PRM Datasheet HTML 5Page - Leshan Radio Company LR8558-21PRM Datasheet HTML 6Page - Leshan Radio Company LR8558-21PRM Datasheet HTML 7Page - Leshan Radio Company LR8558-21PRM Datasheet HTML 8Page - Leshan Radio Company LR8558-21PRM Datasheet HTML 9Page - Leshan Radio Company LR8558-21PRM Datasheet HTML 10Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Iout=100mA
88
120
mV
Iout=300mA
270
350
mV
Vdrop1
Dropout
Voltage,Vout≥2.8V
Iout=500mA
460
600
mV
Vout
Vin
Vout
Line Regulation
Iout=40mA
2.8V≤Vin≤8V
0.05
0.2
%/V
Vout
/
Iout
Load Regulation
Vin=Set Vout+1V
1mA≤Iout≤500mA
20
40
mV
Iss
Supply Current
Vin=Set Vout+1V
75
90
uA
Istandby
Supply Current
(Srandby)
Vin=Set Vout+1V
Vce=GND
0.1
1.0
uA
Vout
T
Vout
Output Voltage
Temperature
Coefficiency
Iout=30mA
±
100
ppm/
°C
PSRR
Ripple Rejection
F=100Hz,
Ripple=0.5Vp-p
Vin=Set Vout+1V
65
dB
Ilim
Short Current Limit
Vout=0V
200
mA
Rpd
CE Pull down
Resistance
2.0
5.0
10.0
M
Vceh
CE Input Voltage “H”
1.5
Vin
V
Vcel
CE Input Voltage “L”
0
0.25
V
en
Output Noise
BW=10Hz~100kHz
47
uVrms
1.
Vdrop=Vin1-(Vout2*0.98) Vout2 is the output voltage when Vin=Vout1+1.0V and Iout=300mA or Iout=500mA.
Vin1 is the input voltage at which the output voltage becomes 98% of Vout1 after gradually decreasing the input
voltage.
Application hints:
NOTE1: Input capacitor (Cin=1uF) is
recommended in all application circuit.
NOTE2: Output capacitor (Cout=3.3uF/4.7uF) is
recommended in all application to
assure the stability of circuit.
Typical Application Circuit:
Explanation:
LR8558 series is a group of positive voltage output, low noise, low power consumption, low
dropout voltage regulator.
LR8558 can provide output value in the range of 1.2V~4.5V every 0.1V step. It also can be
customized on command.
LR8558 includes high accuracy voltage reference, error amplifier, current limit circuit and
output driver module.
LR8558 has excellent load and line transient response and good temperature
characteristics, which can assure the stability of chip and power system. And it uses trimming
technique to guarantee output voltage accuracy within±2%.
LR8558
Leshan Radio Co ., Ltd
6/11


Similar Part No. - LR8558-21PRM

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
More results

Similar Description - LR8558-21PRM

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8558 LRC-LR8558_15 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
ACE509 ACE-ACE509 Datasheet
353Kb / 11P
   Low noise, fast response 500mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8558 BELLING-BL8558 Datasheet
280Kb / 10P
   Low noise, fast response 500mA LDO regulator
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
   500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
logo
Shenzhen Huazhimei Semi...
HM6215 HMSEMI-HM6215 Datasheet
590Kb / 4P
   500mA Low Noise, High PSRR, Fast Transient Response LDO with Adjustable
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563 Datasheet
560Kb / 9P
   Low noise, fast response 300mA LDO regulator
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Leshan Radio Company
LR8563 LRC-LR8563_15 Datasheet
824Kb / 9P
   Low noise, fast response 300mA LDO regu lator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com