Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRB520G-30T1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LRB520G-30T1G
Description  Schottky barrier diode P b - free pack age is available
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LRB520G-30T1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LRB520G-30T1G Datasheet HTML 1Page - Leshan Radio Company LRB520G-30T1G Datasheet HTML 2Page - Leshan Radio Company LRB520G-30T1G Datasheet HTML 3Page - Leshan Radio Company LRB520G-30T1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AMBIENT TEMPERATURE:Ta(℃)
Derating Curve゙(Io-Ta)
CASE TEMPARATURE:Tc(℃)
Derating Curve゙(Io-Tc)
0
0.1
0.2
0.3
0
25
50
75
100
125
0
0.1
0.2
0.3
025
50
75
100
125
T
Tj=125℃
D=t/T
t
VR
Io
VR=15V
0A
0V
T
Tj=125℃
D=t/T
t
VR
Io
VR=15V
0A
0V
Sin(θ=180)
DC
D=1/2
Sin(θ=180)
DC
D=1/2
LESHAN RADIO COMPANY, LTD.
LRB520G-30T1 G
Rev.O 3/4


Similar Part No. - LRB520G-30T1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LRB520G-30T1G LEIDITECH-LRB520G-30T1G Datasheet
832Kb / 4P
   Schottky barrier diode
logo
Leshan Radio Company
LRB520G-30T1G LRC-LRB520G-30T1G_15 Datasheet
349Kb / 4P
   Schottky barrier diode
More results

Similar Description - LRB520G-30T1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LTL431ATLT1G LEIDITECH-LTL431ATLT1G Datasheet
811Kb / 5P
   Pb-Free package is available
logo
Zowie Technology Corpor...
BAT54WSG ZOWIE-BAT54WSG Datasheet
237Kb / 2P
   Schottky Barrier Diode Lead free product
BAT54WG ZOWIE-BAT54WG Datasheet
48Kb / 2P
   Schottky Barrier Diode Lead free product
BAT43WSG ZOWIE-BAT43WSG Datasheet
219Kb / 2P
   Schottky Barrier Diode Lead free product
Z1PK104LH ZOWIE-Z1PK104LH Datasheet
49Kb / 2P
   Schottky Barrier Diode Halogen-free type
Z1PK054H ZOWIE-Z1PK054H Datasheet
51Kb / 2P
   Schottky Barrier Diode Halogen-free type
BAT54RG ZOWIE-BAT54RG Datasheet
73Kb / 2P
   Schottky Barrier Diode Lead free product
BAT54RSG ZOWIE-BAT54RSG Datasheet
48Kb / 2P
   Schottky Barrier Diode Lead free product
Z2PK104LH ZOWIE-Z2PK104LH Datasheet
70Kb / 2P
   Schottky Barrier Diode Halogen-free type
logo
Leshan Radio Company
LMBR0540T1G LRC-LMBR0540T1G Datasheet
255Kb / 5P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com