Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74121N Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74121N
Description  One-Shot with Clear and Complementary Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74121N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74121N Datasheet HTML 1Page - Fairchild Semiconductor DM74121N Datasheet HTML 2Page - Fairchild Semiconductor DM74121N Datasheet HTML 3Page - Fairchild Semiconductor DM74121N Datasheet HTML 4Page - Fairchild Semiconductor DM74121N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
Switching Characteristics
At VCC = 5V and TA = 25°C (See Test Waveforms and Output Load Section)
Symbol
Parameter
From (Input)
Conditions
Min
Max
Units
To (Output)
tPLH
Propagation Delay Time
A1, A2
CEXT = 80 pF
70
ns
LOW-to-HIGH Level Output
to Q
RINT to VCC
tPLH
Propagation Delay Time
B to
CL = 15 pF
55
ns
LOW-to-HIGH Level Output
Q
RL = 400Ω
tPHL
Propagation Delay Time
A1, A2
80
ns
HIGH-to-LOW Level Output
to Q
tPHL
Propagation Delay Time
B
65
ns
HIGH-to-LOW Level Output
to Q
tW(OUT)
Output Pulse
A1, A2 or B
CEXT = 80 pF
70
150
ns
Width Using the
to Q, Q
RINT to VCC
Internal Timing Resistor
RL = 400Ω
CL = 15 pF
tW(OUT)
Output Pulse
A1, A2
CEXT = 0 pF
50
ns
Width Using Zero
to Q, Q
RINT to VCC
Timing Capacitance
RL = 400Ω
CL = 15 pF
tW(OUT)
Output Pulse
A1, A2
CEXT = 100pF
600
800
ns
Width Using External
to Q, Q
RINT = 10 kΩ
Timing Resistor
RL = 400Ω
CL = 15pF
A1, A2
CEXT = 1 µF
68
ms
to Q, Q
RINT = 10 kΩ
RL = 400Ω
CL = 15 pF


Similar Part No. - DM74121N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74121N NSC-DM74121N Datasheet
128Kb / 6P
   One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121N FAIRCHILD-DM74121N Datasheet
71Kb / 5P
   One-Shot with Clear and Complementary Outputs
More results

Similar Description - DM74121N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121_01 Datasheet
71Kb / 5P
   One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
54121 NSC-54121 Datasheet
128Kb / 6P
   One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74123 FAIRCHILD-DM74123 Datasheet
56Kb / 5P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS122 NSC-DM74LS122 Datasheet
129Kb / 6P
   DM74LS122 Retriggerable One-Shot with Clear and Complementary Outputs
DM54123 NSC-DM54123 Datasheet
130Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74LS123 FAIRCHILD-DM74LS123 Datasheet
96Kb / 8P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74LS221 FAIRCHILD-DM74LS221 Datasheet
108Kb / 8P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
54123 NSC-54123 Datasheet
157Kb / 4P
   DUAL RETRIGGERABLE ONE-SHOP WITH CLEAR AND COMPLEMENTARY OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com