Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRB550V-30T3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LRB550V-30T3G
Description  Schottky barrier diode G eneral rectification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LRB550V-30T3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LRB550V-30T3G Datasheet HTML 1Page - Leshan Radio Company LRB550V-30T3G Datasheet HTML 2Page - Leshan Radio Company LRB550V-30T3G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Applications
G eneral rectification
Features
1) Small surface mounting type.
2) L ow VF,
3) High reliability.
3)
Construction
Silicon epitaxial planar
Absolute maximum ratings (Ta = 25°C)
∗ 60Hz for 1
Electrical characteristics (Ta = 25°C)
1
CATHODE
2
ANODE
Schottky barrier diode
SOD– 323
1
2
LRB550V-30T1GG
Device
Marking
Shipping
LRB550V-30T1G
3000/Tape&Reel
LRB550V-30T3G
10000/Tape&Reel
Device Marking and Ordering Information
LESHAN RADIO COMPANY, LTD.
LRB550V-30T1G
We declare that the material of product
compliance with RoHS requirements.
L ow I R
Symbol
Unit
VRM
V
V
30
R
R
V
Io
A
IFSM
A
ward current surge peak
2
ion temperature
torage temperature
150
-40 to +150
Limits
0.5
30
Parameter
everse voltage (DC)
verage rectified forward current
everse voltage (repetitive peak)
For
Junct
Tj
Tstg
S
A
R
Symbol
Min.
Typ.
Max.
Unit
VF1
-
0.6 0
V
IF=700mA
VF2
Reverse current
IR
--
30
µA
VR=10V
Conditions
Parameter
Forward voltage
SD
SD
-
-
0.39
V
IF=100mA
-
Rev.O 1/3


Similar Part No. - LRB550V-30T3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRB550V-30T1G LRC-LRB550V-30T1G_15 Datasheet
133Kb / 3P
   Schottky barrier diode
More results

Similar Description - LRB550V-30T3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRB751G-40T1G LRC-LRB751G-40T1G Datasheet
448Kb / 4P
   Schottky barrier diode General rectification
LRB520CS-30T5G LRC-LRB520CS-30T5G Datasheet
333Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
LRB425LT1G LRC-LRB425LT1G Datasheet
89Kb / 3P
   Schottky barrier diode Low power rectification
LRB491DLT1G LRC-LRB491DLT1G Datasheet
182Kb / 3P
   Schottky barrier diode Low-power rectification
LRB521CS-30T5G LRC-LRB521CS-30T5G Datasheet
290Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
LRB751CS-40T5G LRC-LRB751CS-40T5G Datasheet
360Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
LRB411DLT1G LRC-LRB411DLT1G Datasheet
405Kb / 4P
   Schottky barrier diode Low current rectification
LRB551V-30T1G LRC-LRB551V-30T1G_11 Datasheet
62Kb / 3P
   Schottky barrier diode High-frequency rectification
LRB421LT1G LRC-LRB421LT1G Datasheet
253Kb / 4P
   Schottky barrier diode Low power rectification
logo
KEC(Korea Electronics)
KDR732 KEC-KDR732 Datasheet
391Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH SPEED RECTIFICATION)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com