Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRB551V-30T3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LRB551V-30T3G
Description  Schottky barrier diode High-frequency rectification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LRB551V-30T3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LRB551V-30T3G Datasheet HTML 1Page - Leshan Radio Company LRB551V-30T3G Datasheet HTML 2Page - Leshan Radio Company LRB551V-30T3G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Applications
High-frequency rectification
Switching regulators
Features
1) Small surface mounting type.
2) Ultra low VF(VF=0.45V Typ. at 0.5A)
3) High reliability.
3)
Construction
Silicon epitaxial planar
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
V
DC reverse voltage
VR
V
Mean rectifying current
IO
0.5
A
Peak forward surge current
2A
+125
°C
Storage temperature
°C
30
20
Junction temperature
IFSM
−40~+125
Tj
Tstg
∗ 60Hz for 1
Electrical characteristics (Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF1
0.36
V
IF
= 100mA
VF2
0.54
V
IF
= 500mA
Reverse current
−−
100
µAVR = 20V
IR
1
CATHODE
2
ANODE
Schottky barrier diode
CASE 477– 02, STYLE 1
SOD– 323
1
2
LRB551V-30T1GG
Device
Marking
Shipping
LRB551V-30T1G
D
3000/Tape&Reel
LRB551V-30T3G
D
10000/Tape&Reel
Device Marking and Ordering Information
LESHAN RADIO COMPANY, LTD.
LRB551V-30T1G
We declare that the material of product
compliance with RoHS requirements.
Rev.O 1/3


Similar Part No. - LRB551V-30T3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LRB551V-30T3G LEIDITECH-LRB551V-30T3G Datasheet
534Kb / 3P
   Schottky Barrier Diode
More results

Similar Description - LRB551V-30T3G

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR105 KEC-KDR105 Datasheet
380Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR105S KEC-KDR105S Datasheet
380Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR505S KEC-KDR505S Datasheet
380Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR701S KEC-KDR701S Datasheet
384Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(FOR HIGH FREQUENCY RECTIFICATION)
KDR400S KEC-KDR400S Datasheet
382Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING SUPPLY)
KDR511T KEC-KDR511T Datasheet
384Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING, REGULATORS, CONVERTERS, CHOPPERS)
KDR732 KEC-KDR732 Datasheet
391Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH SPEED RECTIFICATION)
KDR521T KEC-KDR521T Datasheet
64Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING, REGULATORS, CONVERTERS, CHOPPERS)
logo
Leshan Radio Company
LRB751G-40T1G LRC-LRB751G-40T1G Datasheet
448Kb / 4P
   Schottky barrier diode General rectification
LRB520CS-30T5G LRC-LRB520CS-30T5G Datasheet
333Kb / 4P
   SCHOTTKY BARRIER DIODE Low current rectification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com