Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP504M Datasheet(PDF) 3 Page - Leshan Radio Company

Part # MP504M
Description  High Current Glass Passivated Molding Single-Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MP504M Datasheet(HTML) 3 Page - Leshan Radio Company

  MP504M Datasheet HTML 1Page - Leshan Radio Company MP504M Datasheet HTML 2Page - Leshan Radio Company MP504M Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
 
 
MP501M Thru MP5010M
3.
Marking Identification
Note:
生产日期码包含4位数字,例如 “1013”,前两个数字“10” 表示为2010年,另外二个数字
“13” 是指第13周,即表示该产品为2010年13周生产。
型号: MP 50
10
M
Molding   Epoxy
bridge reverse voltage=1000V
average rectified forward Current=50A
mean:MP series bridge
4. Dimension


Similar Part No. - MP504M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP504 MCC-MP504 Datasheet
77Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP504 MCC-MP504 Datasheet
199Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP504 LRC-MP504 Datasheet
193Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Shanghai Shunye Electro...
MP504 SHUNYE-MP504 Datasheet
221Kb / 2P
   PRESS-FIT MOTOLOLA DIODES
MP504 SHUNYE-MP504 Datasheet
164Kb / 2P
   PRESS-FIT MOTOROLA DIODES
More results

Similar Description - MP504M

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202S LRC-DB202S Datasheet
185Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
ABS10 LRC-ABS10 Datasheet
673Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D20SB10 LRC-D20SB10_12 Datasheet
317Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D35SB10 LRC-D35SB10 Datasheet
293Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB152 LRC-DB152 Datasheet
197Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202 LRC-DB202 Datasheet
200Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com