Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7799BRUZ-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # AD7799BRUZ-REEL
Description  3-Channel, Low Noise, Low Power, 16-/24-Bit, 誇-? ADC with On-Chip In-Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7799BRUZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7799BRUZ-REEL Datasheet HTML 7Page - Analog Devices AD7799BRUZ-REEL Datasheet HTML 8Page - Analog Devices AD7799BRUZ-REEL Datasheet HTML 9Page - Analog Devices AD7799BRUZ-REEL Datasheet HTML 10Page - Analog Devices AD7799BRUZ-REEL Datasheet HTML 11Page - Analog Devices AD7799BRUZ-REEL Datasheet HTML 12Page - Analog Devices AD7799BRUZ-REEL Datasheet HTML 13Page - Analog Devices AD7799BRUZ-REEL Datasheet HTML 14Page - Analog Devices AD7799BRUZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7798/AD7799
Rev. A | Page 11 of 28
AD7799
Table 7 shows the AD7799 output rms noise for some update
rates and gain settings. The numbers given are for the bipolar
input range with a 2.5 V reference. These numbers are typical
and are generated with a differential input voltage of 0 V. Table 8
shows the effective resolution, and the output peak-to-peak
resolution is given in parentheses. Note that the effective
resolution is calculated using the rms noise, whereas the
peak-to-peak resolution is based on peak-to-peak noise. The
peak-to-peak resolution represents the resolution for which
there is no code flicker. These numbers are typical and are
rounded to the nearest LSB.
Table 7. Output RMS Noise (μV) vs. Gain and Output Update Rate for the AD7799 Using a 2.5 V Reference
Update Rate
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17 Hz
0.64
0.6
0.185
0.097
0.075
0.035
0.027
0.027
8.33 Hz
1.04
0.96
0.269
0.165
0.108
0.048
0.037
0.040
16.7 Hz
1.55
1.45
0.433
0.258
0.176
0.085
0.065
0.065
33.2 Hz
2.3
2.13
0.647
0.364
0.24
0.118
0.097
0.094
62 Hz
2.95
2.85
0.952
0.586
0.361
0.178
0.133
0.134
123 Hz
4.89
4.74
1.356
0.785
0.521
0.265
0.192
0.192
242 Hz
11.76
9.5
3.797
2.054
1.027
0.476
0.326
0.308
470 Hz
11.33
9.44
3.132
1.773
1.107
0.5
0.413
0.374
Table 8. Typical Resolution (Bits) vs. Gain and Output Update Rate for the AD7799 Using a 2.5 V Reference
Update Rate
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17 Hz
23 (20.5)
22 (19.5)
22.5 (20)
22.5 (20)
22 (19.5)
22 (19.5)
21.5 (19)
20.5 (18)
8.33 Hz
22 (19.5)
21.5 (19)
22 (19.5)
22 (19.5)
21.5 (19)
21.5 (19)
21 (18.5)
20 (17.5)
16.7 Hz
21.5 (19)
20.5 (18)
21.5 (19)
21 (18.5)
21 (18.5)
21 (18.5)
20 (17.5)
19 (16.5)
33.3 Hz
21 (18.5)
20 (17.5)
21 (18.5)
20.5 (18)
20.5 (18)
20.5 (18)
19.5 (17)
18.5 (16)
62 Hz
20.5 (18)
19.5 (17)
20.5 (18)
20 (17.5)
19.5 (17)
19.5 (17)
19 (16.5)
18 (15.5)
123 Hz
20 (17.5)
19 (16.5)
20 (17.5)
19.5 (17)
19 (16.5)
19 (16.5)
18.5 (16)
17.5 (15)
242 Hz
18.5 (16)
18 (15.5)
18.5 (16)
18 (15.5)
18 (15.5)
18.5 (16)
18 (15.5)
17 (14.5)
470 Hz
18.5 (16)
18 (15.5)
18.5 (16)
18.5 (16)
18 (15.5)
18.5 (16)
17.5 (15)
16.5 (14)


Similar Part No. - AD7799BRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7799BRUZ-REEL AD-AD7799BRUZ-REEL Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
More results

Similar Description - AD7799BRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7792 AD-AD7792_07 Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7798 AD-AD7798 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
AD7794 AD-AD7794_07 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7785 AD-AD7785 Datasheet
635Kb / 32P
   3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
REV. 0
AD7785 AD-AD7785_17 Datasheet
480Kb / 33P
   3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
EVAL-AD7798EB AD-EVAL-AD7798EB Datasheet
520Kb / 7P
   16-Bit Low Power 誇-? ADC (3 Channels)
Rev. Pr A
AD7798 AD-AD7798 Datasheet
499Kb / 17P
   Low Power, 24-Bit/16-Bit Sigma-Delta ADC with In-Amp
Rev. B
AD7792 AD-AD7792 Datasheet
241Kb / 18P
   Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
REV.PrF 6/04
logo
Cirrus Logic
CS5532 CIRRUS-CS5532 Datasheet
764Kb / 50P
   24-bit ?誇 ADCs with Ultra-low-noise PGIA
logo
Analog Devices
AD1555 AD-AD1555 Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com