Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7835ASZ-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # AD7835ASZ-REEL
Description  LC2MOS Quad 14-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7835ASZ-REEL Datasheet(HTML) 3 Page - Analog Devices

  AD7835ASZ-REEL Datasheet HTML 1Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 2Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 3Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 4Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 5Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 6Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 7Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 8Page - Analog Devices AD7835ASZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7834/AD7835
Rev. D | Page 3 of 28
SPECIFICATIONS
VCC = 5 V ± 5%; VDD = 15 V ± 5%; VSS = −15 V ± 5%; AGND = DGND = 0 V; TA1 = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
A
B
S
Unit
Test Conditions/Comments
ACCURACY
Resolution
14
14
14
Bits
Relative Accuracy
±2
±1
±2
LSB max
Differential Nonlinearity
±0.9
±0.9
±0.9
LSB max
Guaranteed monotonic over temperature.
Full-Scale Error
VREF(+) = +7 V, VREF(−) = −7 V.
TMIN to TMAX
±5
±5
±8
mV max
Zero-Scale Error
±4
±4
±5
mV max
VREF(+) = +7 V, VREF(−) = −7 V.
Gain Error
±0.5
±0.5
±0.5
mV typ
VREF(+) = +7 V, VREF(−) = −7 V.
Gain Temperature
Coefficient2
4
4
4
ppm FSR/°C typ
20
20
20
ppm FSR/°C max
DC Crosstalk2
50
50
50
μV max
See the Terminology section. RL = 10 kΩ.
REFERENCE INPUTS
DC Input Resistance
30
30
30
MΩ typ
Input Current
±1
±1
±1
μA max
Per input.
VREF(+) Range
0/8.192
0/8.192
0/8.192
V min/max
VREF(−) Range
−8.192/0
−8.192/0
−8.192/0
V min/max
VREF(+) − VREF(−)
5/14
7/14
5/14
V min/max
For specified performance. Can go as low as
0 V, but performance is not guaranteed.
DEVICE SENSE GROUND INPUTS
Input Current
±2
±2
±2
μA max
Per input. VDSG = −2 V to +2 V.
DIGITAL INPUTS
VINH, Input High Voltage
2.4
2.4
2.4
V min
VINL, Input Low Voltage
0.8
0.8
0.8
V max
IINH, Input Current
±10
±10
±10
μA max
CIN, Input Capacitance
10
10
10
pF max
POWER REQUIREMENTS
VCC
5.0
5.0
5.0
V nom
±5% for specified performance.
VDD
15.0
15.0
15.0
V nom
±5% for specified performance.
VSS
−15.0
−15.0
−15.0
V nom
±5% for specified performance.
Power Supply Sensitivity
ΔFull Scale/ΔVDD
110
110
110
dB typ
ΔFull Scale/ΔVSS
100
100
100
dB typ
ICC
0.2
0.2
0.5
mA max
VINH = VCC, VINL = DGND.
3
3
3
mA max
AD7834: VINH = 2.4 V min, VINL = 0.8 V max.
6
6
6
mA max
AD7835: VINH = 2.4 V min, VINL = 0.8 V max.
IDD
13
13
15
mA max
AD7834: outputs unloaded.
15
15
15
mA max
AD7835: outputs unloaded.
ISS
13
13
15
mA max
Outputs unloaded.
1 Temperature range for A, B, and C versions is −40°C to +85°C.
2 Guaranteed by design.


Similar Part No. - AD7835ASZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7835AS AD-AD7835AS Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
More results

Similar Description - AD7835ASZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7834 AD-AD7834_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD7835 AD-AD7835_15 Datasheet
1Mb / 28P
   LC MOS Quad 14-Bit DACs
REV. D
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com