Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 10 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 10 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 6Page - Winbond W25Q128FVCIP Datasheet HTML 7Page - Winbond W25Q128FVCIP Datasheet HTML 8Page - Winbond W25Q128FVCIP Datasheet HTML 9Page - Winbond W25Q128FVCIP Datasheet HTML 10Page - Winbond W25Q128FVCIP Datasheet HTML 11Page - Winbond W25Q128FVCIP Datasheet HTML 12Page - Winbond W25Q128FVCIP Datasheet HTML 13Page - Winbond W25Q128FVCIP Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
W25Q128FV
- 9 -
3.8 Pin Configuration PDIP 300-mil
Figure 1e. W25Q128FV Pin Assignments, 8-pin PDIP (Package Code A)
3.9 Pin Description PDIP 300-mil
PIN NO.
PIN NAME
I/O
FUNCTION
1
/CS
I
Chip Select Input
2
DO (IO1)
I/O
Data Output (Data Input Output 1)
(1)
3
/WP (IO2)
I/O
Write Protect Input ( Data Input Output 2)
(2)
4
GND
Ground
5
DI (IO0)
I/O
Data Input (Data Input Output 0)
(1)
6
CLK
I
Serial Clock Input
7
/HOLD or /RESET
(IO3)
I/O
Hold or Reset Input (Data Input Output 3)
(2)
8
VCC
Power Supply
Notes:
1. IO0 and IO1 are used for Standard and Dual SPI instructions
2. IO0 – IO3 are used for Quad SPI instructions, /WP & /HOLD (or /RESET) functions are only available for Standard/Dual SPI.


Similar Part No. - W25Q128FVCIP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q128FVCIP WINBOND-W25Q128FVCIP Datasheet
1Mb / 97P
   SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results

Similar Description - W25Q128FVCIP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q128FVSIF-TR WINBOND-W25Q128FVSIF-TR Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
   3V 128M-bit serial flash memory with dual/quad spi
logo
Shenzhen Huazhimei Semi...
HM25Q128A HMSEMI-HM25Q128A Datasheet
8Mb / 74P
   3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
logo
Winbond
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256FVBIF-TR WINBOND-W25Q256FVBIF-TR Datasheet
1Mb / 108P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q257FVEIF-TR WINBOND-W25Q257FVEIF-TR Datasheet
1Mb / 104P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FVTBIG-TR WINBOND-W25Q32FVTBIG-TR Datasheet
2Mb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com