Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1545 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # SB1545
Description  Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB1545 Datasheet(HTML) 5 Page - Leshan Radio Company

  SB1545 Datasheet HTML 1Page - Leshan Radio Company SB1545 Datasheet HTML 2Page - Leshan Radio Company SB1545 Datasheet HTML 3Page - Leshan Radio Company SB1545 Datasheet HTML 4Page - Leshan Radio Company SB1545 Datasheet HTML 5Page - Leshan Radio Company SB1545 Datasheet HTML 6Page - Leshan Radio Company SB1545 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
标题:
1.4
标签要求
label spec.
1.4.1
LRC标签 LRC label
成型规格forming spec.
1.4.2环保标签 environmental protection label
2.外箱规格 cartoon spec.
单位:
mm
L
WH
T52
430±2
280±2
225±2
3 按以上包装方式,编带数量和外包装箱产品数量:typing and cartoon spec.
塑封外型
R-6
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
2
每根编带数量
quantity/ammo
外箱数量(
T52编带)
quantity/cartoon
0.4K
4.0K
L
W
H
外箱标签cartoon label
*******
LRC产品型号 type
****
**
****
产品重复峰压值 peak repetive voltage
产品额定电流值 average output current
产品数量 quantity
*******
产品生产日期 date


Similar Part No. - SB1545

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB1545 SEMIKRON-SB1545 Datasheet
161Kb / 3P
   Schottky barrier rectifier diodes
logo
Sirectifier Global Corp...
SB1545 SIRECT-SB1545 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 15Amp 45~200Volt
logo
First Silicon Co., Ltd
SB1545 FS-SB1545 Datasheet
307Kb / 2P
   45V 15 Amp Shottky Barrier Rectifier
logo
Gulf Semiconductor
SB1545CT GULFSEMI-SB1545CT Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
SB1545FCT GULFSEMI-SB1545FCT Datasheet
129Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A
More results

Similar Description - SB1545

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SB2020 LRC-SB2020 Datasheet
85Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
SB1220 LRC-SB1220 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
SB1020 LRC-SB1020 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com