Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0805 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ0805
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0805 Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ0805 Datasheet HTML 1Page - Vishay Siliconix VJ0805 Datasheet HTML 2Page - Vishay Siliconix VJ0805 Datasheet HTML 3Page - Vishay Siliconix VJ0805 Datasheet HTML 4Page - Vishay Siliconix VJ0805 Datasheet HTML 5Page - Vishay Siliconix VJ0805 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.vishay.com
For technical questions, contact: mlcc@vishay.com
Document Number: 45053
38
Revision: 23-Sep-09
VJ C0G (NP0) Dielectric
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors
for Commercial Applications
FEATURES
• C0G is an ultra-stable dielectric offering a
Temperature Coefficient of Capacitance (TCC)
of 0 ppm/°C ± 30 ppm/°C
• Low Dissipation Factor (DF)
• Surface mount, wet build process
• Reliable Noble Metal Electrode (NME) system
• Halogen-free according to IEC 61249-2-21
APPLICATIONS
• Timing and tuning circuits
• Sensor and scanner applications
Snubber and surge suppression
ELECTRICAL SPECIFICATIONS
Note:
Electrical characteristics at + 25 °C unless otherwise specified
Operating Temperature: - 55 °C to + 150 °C
Capacitance Range: 1.0 pF to 0.056 µF
Voltage Range: 10 Vdc to 1000 Vdc
Temperature Coefficient of Capacitance (TCC):
0 ppm/°C ± 30 ppm/°C from - 55 °C to + 125 °C
Dissipation Factor (DF):
0.1 % maximum at 1.0 Vrms and 1 kHz for values > 1000 pF
0.1 % maximum at 1.0 Vrms and 1 MHz for values ≤ 1000 pF
Aging Rate: 0 % maximum per decade
Insulation Resistance (IR):
At + 25 °C and rated voltage 100 000 M
Ω minimum or
1000
ΩF, whichever is less
At + 125 °C and rated voltage 10 000 M
Ω minimum or
100
ΩF, whichever is less
Dielectric Strength Test:
Performed per Method 103 of EIA 198-2-E.
Applied test voltages:
≤ 500 Vdc-rated:
200 % of rated voltage
630 Vdc/1000 Vdc-rated: 150 % of rated voltage
Notes
(1) DC voltage rating should not be exceeded in application
(2) Process Code may be added with up to three digits, used to control non-standard products and/or special requirements
(3) Case size designator may be replaced by a four digit drawing number used to control non-standard products and/or requirements
(4) “A2” temporarily used to identify manufacturing plant for size
≥ 1812
(5) Selected values available, contact mlcc@vishay.com for list of released ratings
ORDERING INFORMATION
VJ0805
A
102
K
X
A
A
T
### (2)(4)
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC VOLTAGE
RATING (1)
MARKING
PACKAGING
PROCESS
CODE
0402
0603
0805
1206
1210
1808
1812
1825
2220
2225
A = C0G (NP0)
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier. An
“R” indicates a
decimal point.
Examples:
102 = 1000 pF
1R8 = 1.8 pF
B = ± 0.10 pF
C = ± 0.25 pF
D = ± 0.5 pF
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
Note:
B, C, D < 10 pF
F, G, J, K
≥ 10 pF
X = Ni barrier
100 % tin plate
matte finish
F = AgPd
B = Polymer
100 % tin plate
matte finish (5)
X = 25 V
A = 50 V
B = 100 V
C = 200 V
E = 500 V
L = 630 V
G = 1000 V
A = Unmarked
M = Marked
Note: Marking is
only available for
0805 and 1206
with termination
code ”X”
T = 7" reel/plastic tape
C = 7" reel/paper tape
R = 11 1/4" reel/plastic tape
P = 11 1/4" reel/paper tape
O = 7" reel/flamed paper tape
I = 11 1/4"/13" reel/flamed paper tape
Note: “I” and “O” is used for
“F” termination paper taped
size 0402/0603/0805


Similar Part No. - VJ0805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805 VISHAY-VJ0805 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications
Revision: 20-Oct-08
VJ0805 VISHAY-VJ0805 Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJ0805 VISHAY-VJ0805 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ0805 VISHAY-VJ0805 Datasheet
83Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement
Revision: 29-Sep-08
VJ0805 VISHAY-VJ0805 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
More results

Similar Description - VJ0805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
01-Jan-2023
VJ0603Y104KXX VISHAY-VJ0603Y104KXX Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y103JXAMC VISHAY-VJ1206Y103JXAMC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ0805Y102KXBMT VISHAY-VJ0805Y102KXBMT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206A102GXBAT VISHAY-VJ1206A102GXBAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0805A150JXAMT VISHAY-VJ0805A150JXAMT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com