Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM220A Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SM220A
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to100V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM220A Datasheet(HTML) 1 Page - Leshan Radio Company

  SM220A Datasheet HTML 1Page - Leshan Radio Company SM220A Datasheet HTML 2Page - Leshan Radio Company SM220A Datasheet HTML 3Page - Leshan Radio Company SM220A Datasheet HTML 4Page - Leshan Radio Company SM220A Datasheet HTML 5Page - Leshan Radio Company SM220A Datasheet HTML 6Page - Leshan Radio Company SM220A Datasheet HTML 7Page - Leshan Radio Company SM220A Datasheet HTML 8Page - Leshan Radio Company SM220A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
Mechanical Data
Case
: JEDEC DO-214AC,
molded plastic over glass die
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
We declare that the material of product compliance
Mounting Position
: Any
with ROHS requirements
Weight
: 0.0023 oz., 0.065 g
Handling precautin
:None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol SM220A SM230A SM240A SM250A SM260A SM280A SM2100
A
Unit
S22
S23
S24
S25
S26
S28
S210
VRRM
20
30
40
50
60
80
100V
VRSM
14
21
28
35
42
56
70V
VDC
20
30
40
50
60
80
100V
IF(AV)
A
IFSM
A
RθJA
°
C/W
TJ,
TSTG
°
C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol SM220A SM230A SM240A SM250A SM260A SM280A SM2100
A
Unit
VF
V
IR
mA
CJ
PF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
SM220A thru SM2100A
Schottky Barrier Rectifiers
Reverse Voltage 20 to100V
Parameter Symbol
device marking code
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
2.0
60
50
Maximum instantaneous forward voltage at 2.0A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
Typical thermal resistance (Note 1)
Maximum repetitive peak reverse voltage
Maximum RSM voltage
Maximum DC blocking voltage
Maximum average forward rectified current
(See fig. 1)
Operating junction and storage temperature range
Parameter Symbol
40 to +150
0.50
0.70
0.85
0.1
10.0
Typical junction capacitance at 4.0V, 1MHz
110


Similar Part No. - SM220A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM220A UNIOHM-SM220A Datasheet
66Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM220A SECOS-SM220A Datasheet
242Kb / 2P
   2.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM220A TAYCHIPST-SM220A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SM220A GWSEMI-SM220A Datasheet
64Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM220A AITSEMI-SM220A Datasheet
663Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV2.1
More results

Similar Description - SM220A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM120A-E LRC-SM120A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B LRC-SM220B Datasheet
188Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B-E LRC-SM220B-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com