Electronic Components Datasheet Search |
|
SM220A-E Datasheet(PDF) 1 Page - Leshan Radio Company |
|
SM220A-E Datasheet(HTML) 1 Page - Leshan Radio Company |
1 / 9 page FEATURES * Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Low power loss,high efficiency * For use in low voltage high frequency inverters, free wheeling,and polarity protection applications * Guardring for over voltage protection * High temperature soldering guaranteed: 260 °C/10 seconds at terminals * IEC61000-4-2 ESD Air Contact≥ ±15KV Mechanical Data Case: JEDEC DO-214AC, molded plastic over sky die Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any We declare that the material of product compliance Weight: 0.0023 oz., 0.065 g with ROHS requirements Handling precautin:None 1.Electrical Characteristic Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified. Parameter Symbol symbol SM220A- E SM230A- E SM240A- E SM250A- E SM260A- E SM280A- E SM2100A- E Unit device marking code S22 S23 S24 S25 S26 S28 S210 Maximum repetitive peak reverse voltage VRRM 20 30 40 50 60 80 100V Maximum RMS voltage VRMS 14 21 28 35 42 56 70V Maximum DC blocking voltage VDC 20 30 40 50 60 80 100V Maximum average forward rectified current at TA = 75 °C IF(AV) A Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IFSMA Typical thermal resistance (Note 1) R θJA °C/W Operating junction and storage temperature range TJ, TSTG °C Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified. Parameter Symbol symbol SM220A- E SM230A- E SM240A- E SM250A- E SM260A- E SM280A- E SM2100A- E Unit Maximum instantaneous forward voltage at 2.0A VF V Maximum DC reverse current TA = 25 °C at rated DC blocking voltage Tj = 125 °C IR mA Typical junction capacitance at 4.0V, 1MHz CJ PF NOTES: 1. 8.0mm2 (.013mm thick) land areas SM220A-E thru SM2100A-E 110 –40 to +150 2.0 60 Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A 0.50 0.70 0.85 50 0.5 5.0 |
Similar Part No. - SM220A-E |
|
Similar Description - SM220A-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |