Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2100B Datasheet(PDF) 2 Page - Leshan Radio Company

Part # SM2100B
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM2100B Datasheet(HTML) 2 Page - Leshan Radio Company

  SM2100B Datasheet HTML 1Page - Leshan Radio Company SM2100B Datasheet HTML 2Page - Leshan Radio Company SM2100B Datasheet HTML 3Page - Leshan Radio Company SM2100B Datasheet HTML 4Page - Leshan Radio Company SM2100B Datasheet HTML 5Page - Leshan Radio Company SM2100B Datasheet HTML 6Page - Leshan Radio Company SM2100B Datasheet HTML 7Page - Leshan Radio Company SM2100B Datasheet HTML 8Page - Leshan Radio Company SM2100B Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2.Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
SM220B thru SM2100B
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
Fig 6. – Typical Junction Capacitance
0
25
50
75
100 125
150 175
2.0
1.0
0
60 Hz
Resistive or
Inductive Load
Ambient Temperature, °C
0.2
0.4
0.6
0.8
1.0
1.2
10
1.0
0.1
0.01
100
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
Instantaneous Forward Voltage (V)
0.001
0
20
40
60
80
100
10
1.0
0.1
0.01
Percent of Rated Peak Reverse Voltage (%)
Tj=100℃
Tj=75℃
Tj=25℃
0.1
1
10
100
1000
100
10
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Reverse Voltage (V)
1
10
100
60
30
0
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
Number of Cycles at 60Hz
Fig 5. –typical transient thermal
impedance
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec


Similar Part No. - SM2100B

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM2100B UNIOHM-SM2100B Datasheet
67Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM2100B SECOS-SM2100B Datasheet
223Kb / 2P
   2.0 AMP Surface Mount Schottky Barrier Rectifiers
SM2100B SECOS-SM2100B Datasheet
230Kb / 2P
   2.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM2100B TAYCHIPST-SM2100B Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SM2100B GWSEMI-SM2100B Datasheet
64Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM2100B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B-E LRC-SM220B-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM120A-E LRC-SM120A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com