Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2150A Datasheet(PDF) 3 Page - Leshan Radio Company

Part # SM2150A
Description  Schottky Barrier Rectifiers Reverse Voltage 150V Forward Current 2.0A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM2150A Datasheet(HTML) 3 Page - Leshan Radio Company

  SM2150A Datasheet HTML 1Page - Leshan Radio Company SM2150A Datasheet HTML 2Page - Leshan Radio Company SM2150A Datasheet HTML 3Page - Leshan Radio Company SM2150A Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3. dimension:
SM2150A


Similar Part No. - SM2150A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM2150A SECOS-SM2150A Datasheet
298Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A Datasheet
1Mb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM2150A GWSEMI-SM2150A Datasheet
63Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM2150A AITSEMI-SM2150A Datasheet
663Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV2.1
logo
SeCoS Halbleitertechnol...
SM2150AF SECOS-SM2150AF Datasheet
237Kb / 2P
   20V ~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM2150A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SB2150 LRC-SB2150 Datasheet
256Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 2.0A
logo
First Silicon Co., Ltd
FDR240F FS-FDR240F Datasheet
719Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 40V Forward Current 2.0A
logo
Leshan Radio Company
SB3150 LRC-SB3150 Datasheet
202Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 3.0A
SB5150 LRC-SB5150 Datasheet
172Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 5.0A
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B LRC-SM220B Datasheet
188Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B-E LRC-SM220B-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
CSM260B LRC-CSM260B Datasheet
428Kb / 4P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
Rev.O Dec. 2021
LMBR2200FT1G LRC-LMBR2200FT1G Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 2.0A
logo
AiT Semiconductor Inc.
MBR230LSF AITSEMI-MBR230LSF Datasheet
469Kb / 4P
   SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com