Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM520A Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SM520A
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM520A Datasheet(HTML) 1 Page - Leshan Radio Company

  SM520A Datasheet HTML 1Page - Leshan Radio Company SM520A Datasheet HTML 2Page - Leshan Radio Company SM520A Datasheet HTML 3Page - Leshan Radio Company SM520A Datasheet HTML 4Page - Leshan Radio Company SM520A Datasheet HTML 5Page - Leshan Radio Company SM520A Datasheet HTML 6Page - Leshan Radio Company SM520A Datasheet HTML 7Page - Leshan Radio Company SM520A Datasheet HTML 8Page - Leshan Radio Company SM520A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260
°C/10 seconds at terminals
Mechanical Data
Case: JEDEC DO-214AC,
molded plastic over glass body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.0023 oz., 0.065 g
We declare that the material of product compliance
Handling precautin:None
with ROHS requirements
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol SM520A SM530A SM540A SM550A SM560A SM580A SM5100A Unit
device marking code
S52
S53
S54
S55
S56
S58
S510
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100V
Maximum RSM voltage
VRSM
14
21
28
35
42
56
70V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100V
Maximum average forward rectified current
at TA = 80
°C
IF(AV)A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
R
θJA
°C/W
Operating junction and storage temperature range
TJ,
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol SM520A SM530A SM540A SM550A SM560A SM580A SM5100A Unit
Maximum instantaneous forward voltage at 5.0A
VF
V
Maximum instantaneous forward voltage at 3.0A
VF
V
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 100
°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
5.0
100
50
–40 to +150
0.85
0.80
0.1
10.0
110
SM520A thru SM5100A
Schottky Barrier Rectifiers
Reverse Voltage 20 to100V Forward Current 5.0A
0.46
0.65
0.50
0.70


Similar Part No. - SM520A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM520A SECOS-SM520A Datasheet
305Kb / 2P
   5.0 A Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM520A GWSEMI-SM520A Datasheet
65Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM520A AITSEMI-SM520A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
Leshan Radio Company
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
SeCoS Halbleitertechnol...
SM520AF SECOS-SM520AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM520A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520B LRC-SM520B Datasheet
172Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520C LRC-SM520C Datasheet
193Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com