Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM360C Datasheet(PDF) 2 Page - Leshan Radio Company

Part # SM360C
Description  VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM360C Datasheet(HTML) 2 Page - Leshan Radio Company

  SM360C Datasheet HTML 1Page - Leshan Radio Company SM360C Datasheet HTML 2Page - Leshan Radio Company SM360C Datasheet HTML 3Page - Leshan Radio Company SM360C Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (SM320C THRU SM3100C)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
R E V E R S E V OLT AG E ,(V )
Pulse Width 300us
1% Duty Cycle
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100
120
140
160
180
200
0
700
600
500
400
300
200
100
0
40
20
60
100
80
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
AMBIENT TEMPERATURE ( C)
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
Tj=75 C
T j=25 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
FORWARD VOLTAGE,(V)
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
LESHAN RADIO COMPANY, LTD.
2/3


Similar Part No. - SM360C

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM360C UNIOHM-SM360C Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM360C SECOS-SM360C Datasheet
204Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM360C TAYCHIPST-SM360C Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM360C AITSEMI-SM360C Datasheet
524Kb / 5P
   2 PIN SCHOTTKY DIODES 3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
REV1.0
More results

Similar Description - SM360C

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
SK37 FS-SK37 Datasheet
239Kb / 3P
   VOLTAGE 70V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32A FS-SK32A Datasheet
186Kb / 3P
   VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32 FS-SK32 Datasheet
299Kb / 3P
   VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SK32AF WILLAS-SK32AF Datasheet
326Kb / 2P
   3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
First Silicon Co., Ltd
SK52 FS-SK52 Datasheet
360Kb / 4P
   VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
SK52B FS-SK52B Datasheet
296Kb / 4P
   VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
1N5820 SECOS-1N5820 Datasheet
119Kb / 2P
   VOLTAGE 20V ~ 40V 3.0AMP Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
   Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SS32A FS-SS32A Datasheet
285Kb / 3P
   Voltage 20V ~ 100V , 3.0 Amper Surface Mount Schottky Barrier Rectifiers
logo
E-CMOS Corporation
EC7122M E-CMOS-EC7122M Datasheet
418Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifiers - 20V- 100V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com