Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6588FG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TB6588FG
Description  3-Phase Full-Wave PWM Driver for Sensorless DC Motors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6588FG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TB6588FG Datasheet HTML 1Page - Toshiba Semiconductor TB6588FG Datasheet HTML 2Page - Toshiba Semiconductor TB6588FG Datasheet HTML 3Page - Toshiba Semiconductor TB6588FG Datasheet HTML 4Page - Toshiba Semiconductor TB6588FG Datasheet HTML 5Page - Toshiba Semiconductor TB6588FG Datasheet HTML 6Page - Toshiba Semiconductor TB6588FG Datasheet HTML 7Page - Toshiba Semiconductor TB6588FG Datasheet HTML 8Page - Toshiba Semiconductor TB6588FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TB6588FG
2008-4-25
4
Pin No.
Symbol
I/O
Description
29
FG_OUT
O
Rotation speed output pin (open-drain)
This output is held low at startup and when an abnormality is detected. In sensorless mode,
pulses are generated at 3 ppr according to the back-EMF.
Note:
3 ppr
= 3 pulses per electrical degree (With a four-pole motor, six pulses are generated
per revolution.)
30
FST2
31
FST1
I
Forced commutation frequency select inputs (These pins have a pull-down resistor.)
Forced commutation frequency: cycles per second equivalent to an electrical degree
FST2: FST1
= H:
H:
fST
− fosc/(6 × 2
16)
→ 12.7 Hz @ fosc = 5 MHz
FST2: FST1
= H:
L or Open: fST
− fosc/(6 × 2
17)
→ 6.4 Hz @ fosc = 5 MHz
FST2: FST1
= L or Open: H:
fST
− fosc/(6 × 2
18)
→ 3.2 Hz @ fosc = 5 MHz
FST2: FST1
= L or Open: L or Open: fST ∼− fosc/(6 × 219) → 1.6 Hz @ fosc = 5 MHz
32
FPWM
I
PWM frequency (fPWM) select input (This pin has a pull-down resistor.)
H:
fPWM
− fosc/128) → fPWM ∼− 39 kHz @ fosc = 5 MHz
L or Open: fPWM
− fosc/256) → fPWM ∼− 19.5 kHz @ fosc = 5 MHz
33
LA2
34
LA1
I
Lead angle select input (These pins have a pull-up resistor.)
LA2: LA1 ∼
− H or Open : H or Open : 30° lead angleI
LA2: LA1 ∼
− H or Open : L
: 15° lead angle
LA2: LA1 ∼
− L
: H or Open : 7.5° lead angle
LA2: LA1 ∼
− L
: L
: 0° lead angle
35
N.C.
No connect
36
VM3
Motor power supply pin (VM = 7 to 42 V). VM1, VM2 and VM3 are connected together inside the
IC.
Fin
Fin
Fin
This pin provides for thermal dissipation. Board traces should be designed, considering thermal
dissipation from the IC. (Since the fin and the package bottom are electrically connected, the Fin
pin should be connected to insulation or ground.)


Similar Part No. - TB6588FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6581H TOSHIBA-TB6581H Datasheet
383Kb / 14P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6581HG TOSHIBA-TB6581HG Datasheet
584Kb / 15P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6581H TOSHIBA-TB6581H_06 Datasheet
584Kb / 15P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6584AFNG TOSHIBA-TB6584AFNG Datasheet
670Kb / 27P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2016-02-22
TB6584FNG TOSHIBA-TB6584FNG Datasheet
590Kb / 25P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
2016-02-19
More results

Similar Description - TB6588FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6633AFNG TOSHIBA-TB6633AFNG Datasheet
516Kb / 14P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
2015-9-15
TB6575FNG TOSHIBA-TB6575FNG Datasheet
122Kb / 13P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6575FNG TOSHIBA-TB6575FNG_06 Datasheet
240Kb / 14P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6548F TOSHIBA-TB6548F Datasheet
165Kb / 13P
   Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
TB6548F TOSHIBA-TB6548F_06 Datasheet
380Kb / 14P
   Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
TB6537P TOSHIBA-TB6537P Datasheet
195Kb / 15P
   3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
TB6537P TOSHIBA-TB6537P_06 Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
TB67B001FTG TOSHIBA-TB67B001FTG Datasheet
997Kb / 37P
   Sensorless PWM Driver for 3-Phase Brushless Motors
2022-07-22 Rev.8.0
TC78B016FTG TOSHIBA-TC78B016FTG Datasheet
696Kb / 33P
   3-Phase Sine-Wave PWM Driver for Brushless DC Motors
2017-11-21
TC78B025FTG TOSHIBA-TC78B025FTG Datasheet
613Kb / 25P
   1-hall sine-wave PWM driver for 3-phase brushless DC motors
2018- 02-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com