Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74ALS1005N Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # DM74ALS1005N
Description  Hex Inverting Driver with Open Collector Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS1005N Datasheet(HTML) 2 Page - Fairchild Semiconductor

  DM74ALS1005N Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS1005N Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS1005N Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS1005N Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range
Supply Voltage
7V
Input Voltage
7V
OFF-State Output Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
76.0
°C/W
M Package
106.5
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
VOH
HIGH Level Output Voltage
5.5
V
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
IOH
HIGH Level Output Current
VCC = 4.5V, VOH = 5.5V
100
µA
VOL
LOW Level
VCC = 4.5V
IOL = 12 mA
0.25
0.4
V
Output Voltage
IOL = 24 mA
0.35
0.5
V
II
Input Current at Maximum
VCC = 5.5V, VIH = 7V
0.1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.1
mA
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
0.9
3
mA
Outputs LOW
7
12
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
530
ns
LOW-to-HIGH Level Output
RL = 680Ω
tPHL
Propagation Delay Time
CL = 50 pF
210
ns
HIGH-to-LOW Level Output


Similar Part No. - DM74ALS1005N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS1000A FAIRCHILD-DM74ALS1000A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Buffer
DM74ALS1000AM FAIRCHILD-DM74ALS1000AM Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Buffer
DM74ALS1000AN FAIRCHILD-DM74ALS1000AN Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Buffer
DM74ALS1004 FAIRCHILD-DM74ALS1004 Datasheet
46Kb / 4P
   Hex Inverting Driver
DM74ALS1004M FAIRCHILD-DM74ALS1004M Datasheet
46Kb / 4P
   Hex Inverting Driver
More results

Similar Description - DM74ALS1005N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS1035 FAIRCHILD-DM74ALS1035 Datasheet
45Kb / 4P
   Hex Non-Inverting Driver with Open Collector Outputs
DM74ALS1035MX FAIRCHILD-DM74ALS1035MX Datasheet
49Kb / 4P
   Hex Non-Inverting Driver with Open Collector Outputs
logo
Texas Instruments
SN54ALS1005 TI-SN54ALS1005 Datasheet
69Kb / 4P
[Old version datasheet]   HEX INVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
List of Unclassifed Man...
DV74ALS1005 ETC1-DV74ALS1005 Datasheet
182Kb / 2P
   Hex Inverting Drivers with Open Collector Outputs
logo
Fairchild Semiconductor
DM7406 FAIRCHILD-DM7406 Datasheet
49Kb / 4P
   Hex Inverting Buffers with High Voltage Open-Collector Outputs
logo
National Semiconductor ...
DM5406 NSC-DM5406 Datasheet
106Kb / 4P
   Hex Inverting Buffers with High Voltage Open-Collector Outputs
logo
Fairchild Semiconductor
DM7416 FAIRCHILD-DM7416 Datasheet
35Kb / 3P
   Hex Inverting Buffers with High Voltage Open-Collector Outputs
DM74S05 FAIRCHILD-DM74S05 Datasheet
47Kb / 4P
   Hex Inverter with Open-Collector Outputs
logo
Texas Instruments
SN5405 TI-SN5405 Datasheet
547Kb / 18P
[Old version datasheet]   HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74ALS05AN FAIRCHILD-DM74ALS05AN Datasheet
52Kb / 4P
   Hex Inverter with Open Collector Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com