Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN1J Datasheet(PDF) 5 Page - Leshan Radio Company

Part # SN1J
Description  Surface Mount General Reverse Voltage 50 to 1000V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SN1J Datasheet(HTML) 5 Page - Leshan Radio Company

  SN1J Datasheet HTML 1Page - Leshan Radio Company SN1J Datasheet HTML 2Page - Leshan Radio Company SN1J Datasheet HTML 3Page - Leshan Radio Company SN1J Datasheet HTML 4Page - Leshan Radio Company SN1J Datasheet HTML 5Page - Leshan Radio Company SN1J Datasheet HTML 6Page - Leshan Radio Company SN1J Datasheet HTML 7Page - Leshan Radio Company SN1J Datasheet HTML 8Page - Leshan Radio Company SN1J Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
标题Titile:
C. 7"卷盘盒 box
单位:mm
A
BC
尺寸
188
±2.0
188
±2.0
138
±2.0
按以上包装方式,产品包装数量:quantity
7"卷盘
D. 卷盘外箱 reel carton
单位:mm
A
BC
尺寸
350
±2.0
340
±2.0
350
±2.0
按以上包装方式,产品包装数量:
每箱数量
80K
80K
48K
36K
1.2 编带规格 tape spec
A. 盖带 Cover tape
单位:mm
A
SMA
SMB
SMC
13.30
±0.10
SMB13"卷盘
SMC13"卷盘
规格
9.30
±0.10
0.068
±0.005
B
Packaging specification of SMD
3 页
16K
每盒数量
SMA 7"卷盘
SMA13"卷盘
文件编号:
WI-258
塑封生产线SMD产品包装规范
文件编号:
WI-258


Similar Part No. - SN1J

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SN1J GOOD-ARK-SN1J Datasheet
196Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER
logo
EIC discrete Semiconduc...
SN1J EIC-SN1J Datasheet
57Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results

Similar Description - SN1J

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S3A LRC-S3A Datasheet
189Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V
logo
AiT Semiconductor Inc.
S3ABF AITSEMI-S3ABF Datasheet
468Kb / 5P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 3A
REV1.0
logo
Gaomi Xinghe Electronic...
KBP4005 GXELECTRONICS-KBP4005 Datasheet
469Kb / 2P
   Rectifier Reverse Voltage 50 to 1000V
MB05M GXELECTRONICS-MB05M Datasheet
375Kb / 2P
   Rectifier Reverse Voltage 50 to 1000V
logo
Leshan Radio Company
DRS1M LRC-DRS1M Datasheet
533Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1A LRC-DRS1A Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Rugao Dachang Electroni...
DB101S DACHANG-DB101S Datasheet
126Kb / 2P
   Surface Mount Bridge-Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
DB151S DACHANG-DB151S Datasheet
126Kb / 2P
   Surface Mount Bridge-Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
logo
Leshan Radio Company
DRS1K LRC-DRS1K Datasheet
212Kb / 4P
   Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RL201G LRC-RL201G Datasheet
171Kb / 7P
   Glass Passivated Junction General Purpose Rectifiers Reverse Voltage 50 to 1000V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com