Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51117PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51117PW
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51117PW Datasheet(HTML) 1 Page - Texas Instruments

  TPS51117PW Datasheet HTML 1Page - Texas Instruments TPS51117PW Datasheet HTML 2Page - Texas Instruments TPS51117PW Datasheet HTML 3Page - Texas Instruments TPS51117PW Datasheet HTML 4Page - Texas Instruments TPS51117PW Datasheet HTML 5Page - Texas Instruments TPS51117PW Datasheet HTML 6Page - Texas Instruments TPS51117PW Datasheet HTML 7Page - Texas Instruments TPS51117PW Datasheet HTML 8Page - Texas Instruments TPS51117PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
2
3
14
13
12
VBST
DRVH
LL
EN_PSV
TON
VOUT
TPS51117RGY
4
5
6
7
11
10
9
8
TRIP
V5DRV
DRVL
PGND
V5FILT
VFB
PGOOD
GND
+
VOUT
0.75V~5.5V
Q2
L1
Q1
-
PGND
C2
C4
C1
R6
PGOOD
+5V
EN_PSV
R4
R1
R2
R3
R5
VIN
1.8V~28V
C3
GND
+
+
GND
GND
TPS51117
www.ti.com...................................................................................................................................... SLVS631B – DECEMBER 2005 – REVISED SEPTEMBER 2009
SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
Check for Samples :TPS51117
1
FEATURES
DESCRIPTION
2
High Efficiency, Low Power Consumption,
4.5-
μA Typical Shutdown Current
The TPS51117 is a cost effective, synchronous buck
controller for POL voltage regulation in notebook PC
Fixed Frequency Emulated On-Time Control,
applications. The controller is dedicated for Adaptive
Adjustable from 100 kHz to 550 kHz
On-Time D-CAP™ Mode operation that provides
D-CAP™ Mode with 100-ns Load Step
ease of use, low external component count, and fast
Response
transient response. Auto-skip mode for high efficiency
< 1% Initial Reference Accuracy
down to the milli-ampere load range, or PWM-only
mode for low noise operation is selectable.
Output Voltage Range: 0.75 V to 5.5 V
Wide Input Voltage Range: 1.8 V to 28 V
The current sensing scheme for positive overcurrent
and negative overcurrent protection is loss-less
Selectable Auto-Skip/PWM-Only Operation
low-side
RDS(on)
sensing
plus
temperature
Temperature Compensated (4500 ppm/°C)
compensation. The device receives a 5-V (4.5 V to
Low-Side RDS(on) Overcurrent Sensing
5.5 V) supply from another regulator such as the
Negative Overcurrent Limit
TPS51120 or TPS51020. The conversion input can
be either VBAT or a 5-V rail, ranging from 1.8 V to
Integrated Boost Diode
28 V, and the output voltage range is from 0.75 V to
Integrated OVP/UVP and Thermal Shutdown
5.5 V.
Power-Good Signal
The TPS51117 is available in a 14-pin QFN or a
Internal 1.2-ms Voltage Softstart
14-pin TSSOP package and is specified from –40°C
Integrated Output Discharge (Softstop)
to 85°C.
APPLICATIONS
Notebook Computers
I/O Supplies
System Power Supplies
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51117PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51117PW TI-TPS51117PW Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117PWG4 TI-TPS51117PWG4 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117PWR TI-TPS51117PWR Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117PWRG4 TI-TPS51117PWRG4 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results

Similar Description - TPS51117PW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
logo
Texas Instruments
TPS53219A TI1-TPS53219A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single Synchronous Step-Down Controller
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com