Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51117RGYT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51117RGYT
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51117RGYT Datasheet(HTML) 2 Page - Texas Instruments

  TPS51117RGYT Datasheet HTML 1Page - Texas Instruments TPS51117RGYT Datasheet HTML 2Page - Texas Instruments TPS51117RGYT Datasheet HTML 3Page - Texas Instruments TPS51117RGYT Datasheet HTML 4Page - Texas Instruments TPS51117RGYT Datasheet HTML 5Page - Texas Instruments TPS51117RGYT Datasheet HTML 6Page - Texas Instruments TPS51117RGYT Datasheet HTML 7Page - Texas Instruments TPS51117RGYT Datasheet HTML 8Page - Texas Instruments TPS51117RGYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TPS51117
SLVS631B – DECEMBER 2005 – REVISED SEPTEMBER 2009...................................................................................................................................... www.ti.com
ORDERING INFORMATION(1) (2)
MINIMUM
ORDERING PART
OUTPUT
TA
PACKAGE
PINS
ORDER
ECO PLAN
NUMBER
SUPPLY
QUANTITY
TPS51117PW
Tube
90
PLASTIC
Green
14
TSSOP (PW)
(RoHS & no Sb/Br)
TPS51117PWR
Tape-and-Reel
2000
–40°C to 85°C
TPS51117RGYT
250
PLASTIC QFN
Green
14
Tape-and-Reel
(RGY)
(RoHS & no Sb/Br)
TPS51117RGYR
1000
(1)
All packaging options have Cu NIPDAU lead/ball finish.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VBST
–0.3 to 36
VBST (with respect to LL)
–0.3 to 6
Input voltage range
EN_PSV, TRIP, V5DRV, V5FILT
–0.3 to 6
V
VOUT
–0.3 to 6
TON
–0.3 to 6
DRVH
–1 to 36
DRVH (with respect to LL)
–0.3 to 6
Output voltage range
LL
–1 to 30
V
PGOOD, DRVL
–0.3 to 6
PGND
–0.3 to 0.3
TA
Operating free-air temperature
–40 to 85
°C
Tstg
Storage temperature range
–55 to 150
°C
TJ
Junction temperature range
–40 to 125
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
Ta <25°C
DERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
14 Pin TSSOP
750 mW
7.5 mW/°C
300 mW
14 Pin QFN
1.3 W
13.0 mW/°C
520 mW
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply input voltage range
4.5
5.5
V
VBST
4.5
34
VBST (with respect to LL)
4.5
5.5
Input voltage range
EN_PSV, TRIP, V5DRV, V5FILT
–0.1
5.5
V
VOUT
–0.1
5.5
TON
–0.1
5.5
2
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51117


Similar Part No. - TPS51117RGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117PW TI-TPS51117PW Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117PWG4 TI-TPS51117PWG4 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117PWR TI-TPS51117PWR Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117PWRG4 TI-TPS51117PWRG4 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
More results

Similar Description - TPS51117RGYT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
logo
Texas Instruments
TPS53219A TI1-TPS53219A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single Synchronous Step-Down Controller
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com