Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLCF4018T-150MR59-2 Datasheet(PDF) 7 Page - TDK Electronics

Part # VLCF4018T-150MR59-2
Description  Inductors for Power Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLCF4018T-150MR59-2 Datasheet(HTML) 7 Page - TDK Electronics

Back Button VLCF4018T-150MR59-2 Datasheet HTML 2Page - TDK Electronics VLCF4018T-150MR59-2 Datasheet HTML 3Page - TDK Electronics VLCF4018T-150MR59-2 Datasheet HTML 4Page - TDK Electronics VLCF4018T-150MR59-2 Datasheet HTML 5Page - TDK Electronics VLCF4018T-150MR59-2 Datasheet HTML 6Page - TDK Electronics VLCF4018T-150MR59-2 Datasheet HTML 7Page - TDK Electronics VLCF4018T-150MR59-2 Datasheet HTML 8Page - TDK Electronics VLCF4018T-150MR59-2 Datasheet HTML 9Page - TDK Electronics VLCF4018T-150MR59-2 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
(6/9)
001-02 / 20121019 / e531_vlcf
• All specifications are subject to change without notice.
Inductors for Power Circuits
Wound/STD • Magnetic Shielded
VLCF Series VLCF5020-1
FEATURES
• Miniature size
Mount area: 5
5mm
Height: 2.0mm max.
• Generic use for portable DC to DC converter line
• High magnetic shield construction should actualize high resolu-
tion for EMC protection.
• Available for automatic mounting in tape and real package.
• The products do not contain lead and support lead-free solder-
ing.
APPLICATIONS
DC to DC converters for DVC, DSC, PDA, MD, LCD displays,
HDDs, etc.
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
Rated current: Value obtained when current flows and the temperature has risen to 40°C or when DC current flows and the nominal value of inductance
has fallen by 30%, whichever is smaller.
• Operating temperature range: –40 to +105°C (Including self-temperature rise)
Conformity to RoHS Directive
5.0
±0.2
Dimensions in mm
4R7
3.0
4.9
45˚
Dimensions in mm
Part No.
Inductance
(µH)
Inductance
tolerance
Test frequency
(kHz)
DC resistance(
 )
Rated current(A)
max.
typ.
Based on inductance
change max.
Based on temperature
rise typ.
VLCF5020T-2R2N2R6-1
2.2
±30%
100
0.071
0.058
2.62
2.76
VLCF5020T-2R7N2R2-1
2.7
±30%
100
0.083
0.069
2.28
2.55
VLCF5020T-3R3N2R0-1
3.3
±30%
100
0.096
0.079
2.02
2.37
VLCF5020T-4R7N1R7-1
4.7
±30%
100
0.122
0.102
1.7
2.09
VLCF5020T-6R8N1R3-1
6.8
±30%
100
0.165
0.138
1.39
1.8
VLCF5020T-100M1R1-1
10
±20%
100
0.237
0.198
1.13
1.5
VLCF5020T-150MR90-1
15
±20%
100
0.35
0.292
0.90
1.2
VLCF5020T-220MR75-1
22
±20%
100
0.496
0.413
0.75
1.0
VLCF5020T-330MR62-1
33
±20%
100
0.717
0.597
0.62
0.86
VLCF5020T-470MR51-1
47
±20%
100
1.05
0.875
0.51
0.71
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - VLCF4018T-150MR59-2

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLCF4018T-150MR59-2 TDK-VLCF4018T-150MR59-2 Datasheet
37Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLCF4018T-150MR59-2 TDK-VLCF4018T-150MR59-2 Datasheet
565Kb / 41P
   Inductors for Power Circuits Wound Ferrite
VLCF4018T-150MR59-2 TDK-VLCF4018T-150MR59-2 Datasheet
146Kb / 9P
   Wound Ferrite
More results

Similar Description - VLCF4018T-150MR59-2

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF7032T-101MR45-2-PF TDK-SLF7032T-101MR45-2-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
VLP8040T-101M TDK-VLP8040T-101M Datasheet
169Kb / 13P
   Inductors for Power Circuits
SPM3012-LR TDK-SPM3012-LR Datasheet
130Kb / 9P
   Inductors for Power Circuits
CLF7045T-3R3N TDK-CLF7045T-3R3N Datasheet
1Mb / 13P
   Inductors for Power Circuits
CLF7045 TDK-CLF7045 Datasheet
132Kb / 5P
   Inductors for Power Circuits
CLF7045T-6R8N TDK-CLF7045T-6R8N Datasheet
179Kb / 13P
   Inductors for Power Circuits
SPM5020-LR TDK-SPM5020-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM5020T-4R7M-LR TDK-SPM5020T-4R7M-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM3015-LR TDK-SPM3015-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits
SLF7045T-101MR50-PF TDK-SLF7045T-101MR50-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com