Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLCF4018T-220MR49-2 Datasheet(PDF) 10 Page - TDK Electronics

Part # VLCF4018T-220MR49-2
Description  Inductors for Power Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLCF4018T-220MR49-2 Datasheet(HTML) 10 Page - TDK Electronics

Back Button VLCF4018T-220MR49-2 Datasheet HTML 2Page - TDK Electronics VLCF4018T-220MR49-2 Datasheet HTML 3Page - TDK Electronics VLCF4018T-220MR49-2 Datasheet HTML 4Page - TDK Electronics VLCF4018T-220MR49-2 Datasheet HTML 5Page - TDK Electronics VLCF4018T-220MR49-2 Datasheet HTML 6Page - TDK Electronics VLCF4018T-220MR49-2 Datasheet HTML 7Page - TDK Electronics VLCF4018T-220MR49-2 Datasheet HTML 8Page - TDK Electronics VLCF4018T-220MR49-2 Datasheet HTML 9Page - TDK Electronics VLCF4018T-220MR49-2 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
(9/9)
001-02 / 20121019 / e531_vlcf
• All specifications are subject to change without notice.
Inductors for Power Circuits
Wound/STD • Magnetic Shielded
VLCF Series VLCF5028-2
FEATURES
• Miniature size
Mount area: 5
5mm
Height: 2.8mm max.
• Generic use for portable DC to DC converter line.
• High magnetic shield construction should actualize high
resolution for EMC protection.
• Available for automatic mounting in tape and real package.
• The products do not contain lead and support lead-free
soldering.
APPLICATIONS
DC to DC converters for DVCs, DSCs, PDAs, MDs, LCD displays,
HDDs, etc.
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
Rated current: Value obtained when current flows and the temperature has risen to 40°C or when DC current flows and the nominal value of inductance
has fallen by 30%, whichever is smaller.
• Operating temperature range: –40 to +105°C (Including self-temperature rise)
Conformity to RoHS Directive
5.0
±0.2
Dimensions in mm
4R7
3.0
4.9
45˚
Dimensions in mm
Part No.
Inductance
(µH)
Inductance
tolerance(%)
Test frequency
(kHz)
DC resistance(
 )
Rated current(A)
max.
typ.
Based on inductance
change max.
Based on temperature
rise typ.
VLCF5028T-1R3N2R5-2
1.3
±30
100
0.022
0.019
2.56
4.32
VLCF5028T-1R8N2R2-2
1.8
±30
100
0.028
0.023
2.22
3.88
VLCF5028T-2R7N1R8-2
2.7
±30
100
0.033
0.028
1.82
3.53
VLCF5028T-3R3N1R7-2
3.3
±30
100
0.037
0.032
1.74
3.26
VLCF5028T-4R7N1R5-2
4.7
±30
100
0.043
0.038
1.58
3.03
VLCF5028T-6R8N1R3-2
6.8
±30
100
0.056
0.048
1.32
2.67
VLCF5028T-100M1R0-2
10
±20
100
0.083
0.072
1.05
2.19
VLCF5028T-150MR85-2
15
±20
100
0.12
0.1
0.85
1.85
VLCF5028T-220MR71-2
22
±20
100
0.14
0.13
0.71
1.66
VLCF5028T-330MR62-2
33
±20
100
0.24
0.21
0.62
1.3
VLCF5028T-470MR49-2
47
±20
100
0.33
0.29
0.49
1.1
VLCF5028T-560MR43-2
56
±20
100
0.41
0.36
0.43
0.98
VLCF5028T-680MR40-2
68
±20
100
0.46
0.4
0.4
0.93
VLCF5028T-101MR33-2
100
±20
100
0.67
0.58
0.33
0.77
VLCF5028T-221MR22-2
220
±20
100
1.38
1.2
0.22
0.54
VLCF5028T-471MR14-2
470
±20
100
3.12
2.71
0.14
0.35
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - VLCF4018T-220MR49-2

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLCF4018T-220MR49-2 TDK-VLCF4018T-220MR49-2 Datasheet
37Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLCF4018T-220MR49-2 TDK-VLCF4018T-220MR49-2 Datasheet
565Kb / 41P
   Inductors for Power Circuits Wound Ferrite
logo
Linear Integrated Syste...
VLCF4018T-220MR49-2 LINEAR-VLCF4018T-220MR49-2 Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
TDK Electronics
VLCF4018T-220MR49-2 TDK-VLCF4018T-220MR49-2 Datasheet
146Kb / 9P
   Wound Ferrite
More results

Similar Description - VLCF4018T-220MR49-2

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF7032T-101MR45-2-PF TDK-SLF7032T-101MR45-2-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
VLP8040T-101M TDK-VLP8040T-101M Datasheet
169Kb / 13P
   Inductors for Power Circuits
SPM3012-LR TDK-SPM3012-LR Datasheet
130Kb / 9P
   Inductors for Power Circuits
CLF7045T-3R3N TDK-CLF7045T-3R3N Datasheet
1Mb / 13P
   Inductors for Power Circuits
CLF7045 TDK-CLF7045 Datasheet
132Kb / 5P
   Inductors for Power Circuits
CLF7045T-6R8N TDK-CLF7045T-6R8N Datasheet
179Kb / 13P
   Inductors for Power Circuits
SPM5020-LR TDK-SPM5020-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM5020T-4R7M-LR TDK-SPM5020T-4R7M-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM3015-LR TDK-SPM3015-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits
SLF7045T-101MR50-PF TDK-SLF7045T-101MR50-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com