Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2N70K Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APA2N70K
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APA2N70K Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APA2N70K_12 Datasheet HTML 1Page - Advanced Power Electronics Corp. APA2N70K_12 Datasheet HTML 2Page - Advanced Power Electronics Corp. APA2N70K_12 Datasheet HTML 3Page - Advanced Power Electronics Corp. APA2N70K_12 Datasheet HTML 4Page - Advanced Power Electronics Corp. APA2N70K_12 Datasheet HTML 5Page - Advanced Power Electronics Corp. APA2N70K_12 Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ 100% Avalanche Test
BVDSS
600V
▼ Fast Switching Characteristic
RDS(ON)
10Ω
▼ Simple Drive Requirement
ID
0.35A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V
4
A
IDM
Pulsed Drain Current
1
A
PD@TA=25℃
Total Power Dissipation
W
EAS
Single Pulse Avalanche Energy
2
mJ
IAR
Avalanche Current
A
TSTG
TJ
Operating Junction Temperature Range
Thermal Data
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
4
45
℃/W
Data & specifications subject to change without notice
Parameter
APA2N70K
RoHS-compliant Product
Rating
0.5
600
201201163
1.4
2.7
+30
0.35
-55 to 150
Parameter
1
1
Storage Temperature Range
-55 to 150
G
D
S
D
D
S
G
SOT-223
Advanced Power MOSFETs from APEC provide the designer with the best
combination of fast switching,low on-resistance and cost-effectiveness.
The SOT-223 package is designed for suface mount application, larger
heatsink than SO-8 package.


Similar Part No. - APA2N70K_12

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APA2N70K A-POWER-APA2N70K_14 Datasheet
73Kb / 6P
   Fast Switching Characteristic
More results

Similar Description - APA2N70K_12

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com