Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS420-700T Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS420-700T
Description  Sensitive gate 4 A SCRs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS420-700T Datasheet(HTML) 5 Page - STMicroelectronics

  TS420-700T Datasheet HTML 1Page - STMicroelectronics TS420-700T Datasheet HTML 2Page - STMicroelectronics TS420-700T Datasheet HTML 3Page - STMicroelectronics TS420-700T Datasheet HTML 4Page - STMicroelectronics TS420-700T Datasheet HTML 5Page - STMicroelectronics TS420-700T Datasheet HTML 6Page - STMicroelectronics TS420-700T Datasheet HTML 7Page - STMicroelectronics TS420-700T Datasheet HTML 8Page - STMicroelectronics TS420-700T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TS420
Characteristics
Doc ID 5203 Rev 4
5/11
Figure 7.
Relative variation of dV/dt immunity
versus gate-cathode resistance
(typical values)
Figure 8.
Relative variation of dV/dt immunity
versus gate-cathode capacitance
(typical values)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0.01
0.10
1.00
10.00
R(k )
GK
Ω
dV/dt[R
] / dV/dt[
=220 ]
GK
Ω
RGK
Tj = 125°C
V = 0.67 x V
D
DRM
0
2
4
6
8
10
12
14
16
18
20
22
0
2
4
6
8
10
C
(nF)
GK
dV/dt[C
] / dV/dt[
=220 ]
GK
Ω
RGK
T
V = 0.67 x V
= 125°C
R
= 220
D
DRM
GK
j
Ω
Figure 9.
Surge peak on-state current versus
number of cycles)
Figure 10.
Non-repetitive surge peak on-state
current, and corresponding values
of I²t
1
10
100
1000
0
5
10
15
20
25
30
35
I
(A)
TSM
Number of cycles
Non repetitive
T initial=25°C
j
Repetitive
T =115°C
C
t =10ms
p
One cycle
0.01
0.10
1.00
10.00
1
10
100
300
I
(A), I t (A s)
TSM
22
t (ms)
p
I t
2
ITSM
T initial = 25°C
j
dI/dt limitation
Sinusoidal pulse with
width tp < 10 ms
Figure 11.
On-state characteristics (maximum
values)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under tab (DPAK)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.1
1.0
10.0
50.0
I
(A)
TM
V
(V)
TM
Tj=max
T =25°C
j
V =0.85V
R =90m
T max.:
j
t0
d
Ω
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
S(cm²)
R
(°C/W)
th(j-a)
Epoxy printed circuit board FR4
copper thickness = 35 µm


Similar Part No. - TS420-700T

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
TS420-700T KERSEMI-TS420-700T Datasheet
469Kb / 8P
   4A SCRs
logo
STMicroelectronics
TS420-700T-TR STMICROELECTRONICS-TS420-700T-TR Datasheet
139Kb / 8P
   4A SCRs
More results

Similar Description - TS420-700T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
   Sensitive gate SCRs
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
   SENSITIVE GATE 0.8A SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com