Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP20GT60W Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP20GT60W
Description  N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP20GT60W Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP20GT60W Datasheet HTML 1Page - Advanced Power Electronics Corp. AP20GT60W Datasheet HTML 2Page - Advanced Power Electronics Corp. AP20GT60W Datasheet HTML 3Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Typical Saturation Voltage
Fig 4. Typical Collector- Emitter Voltage
Characteristics
v.s. Junction Temperature
--
Fig 5. Gate Threshold Voltage
Fig 6. Typical Capacitance Characterisitics
v.s. Junction Temperature
2
AP20GT60W
0
40
80
120
160
200
0
4
8
12
16
20
V CE , Collector-Emitter Voltage (V)
20V
18V
15V
12V
V GE =10V
T C =25
o C
1
2
3
4
0
40
80
120
160
Junction Temperature (
o C)
I C =40 A
I C =20A
V GE =15 V
0
0.4
0.8
1.2
1.6
-50
0
50
100
150
Junction Temperature (
o C )
0
40
80
120
160
200
02
46
8
V CE , Collector-Emitter Voltage (V)
V GE =15V
T C =25
0
1000
2000
3000
4000
5000
1
5
9
13
172125
2933
V CE , Collector-Emitter Voltage (V)
f=1.0MHz
C ies
C oes
C res
T C =150
0
40
80
120
160
200
04
8
12
16
20
V CE , Collector-Emitter Voltage (V)
20V
18V
15V
12V
V GE =10V
T C =150
o C


Similar Part No. - AP20GT60W

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP20GT60W A-POWER-AP20GT60W_14 Datasheet
98Kb / 3P
   High Speed Switching
AP20GT60W A-POWER-AP20GT60W_16 Datasheet
137Kb / 4P
   High Speed Switching
More results

Similar Description - AP20GT60W

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PPNGZ52F120A MICROSEMI-PPNGZ52F120A Datasheet
102Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
1N50A UTC-1N50A Datasheet
194Kb / 5P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
30N06V-Q UTC-30N06V-Q Datasheet
205Kb / 6P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP25G45GEM A-POWER-AP25G45GEM Datasheet
69Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Silicon Standard Corp.
SSM20G45EGH SSC-SSM20G45EGH Datasheet
763Kb / 7P
   N-channel Insulated-Gate Bipolar Transistor
SSM28G45EM SSC-SSM28G45EM Datasheet
263Kb / 4P
   N-CHANNEL INSULATED-GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
UG25N45 UTC-UG25N45 Datasheet
184Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP20GT60P-HF A-POWER-AP20GT60P-HF Datasheet
65Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP30G40GEO-HF A-POWER-AP30G40GEO-HF Datasheet
60Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP40G120W A-POWER-AP40G120W Datasheet
99Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Microsemi Corporation
MSAGX75F60A MICROSEMI-MSAGX75F60A Datasheet
45Kb / 2P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com