Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD302-B-15M Datasheet(PDF) 9 Page - STMicroelectronics

Part # PSD302-B-15M
Description  Low Cost Field Programmable Microcontroller Peripherals
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD302-B-15M Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PSD302-B-15M Datasheet HTML 5Page - STMicroelectronics PSD302-B-15M Datasheet HTML 6Page - STMicroelectronics PSD302-B-15M Datasheet HTML 7Page - STMicroelectronics PSD302-B-15M Datasheet HTML 8Page - STMicroelectronics PSD302-B-15M Datasheet HTML 9Page - STMicroelectronics PSD302-B-15M Datasheet HTML 10Page - STMicroelectronics PSD302-B-15M Datasheet HTML 11Page - STMicroelectronics PSD302-B-15M Datasheet HTML 12Page - STMicroelectronics PSD302-B-15M Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
5.0
Partial Listing
of
Microcontrollers
Supported
PSD3XX Family
6
t Motorola family: 68HC11, 68HC16, M68000/10/20, M68008, M683XX, 68HC05C0
t Intel family: 80C31, 80C51, 80C196/198, 80C186/188
t Philips family: 80C31 and 80C51 based MCUs
t Zilog: Z8, Z80, Z180
t National: HPC16000, HPC46400
t Echelon/Motorola/Toshiba: NEURON® 3150Chip
6.0
Applications
t Telecommunications:
Cellular phone
Digital PBX
Digital speech
FAX
Digital Signal Processing (DSP)
t Portable Industrial Equipment:
Industrial control
Measurement meters
Data recorders
t Instrumentation
t Medical Instrumentation:
Hearing aids
Monitoring equipment
Diagnostic tools
t Computers—notebooks, portable PCs, and palm-top computers:
Peripheral control (fixed disks, laser printers, etc.)
Modem Interface
MCU peripheral interface
Portable and battery-powered systems have recently become major embedded control
application segments. As a result, the demand for electronic components having extremely
low power consumption has increased dramatically. Recognizing this trend, ST
developed a new lower power 3XX part, denoted ZPSD3XX. The Z stands for Zero-power
because ZPSD products virtually eliminate the DC component of power consumption,
reducing it to standby levels. Virtual elimination of the DC component is the basis for the
words “Zero-power” in the ZPSD name. ZPSD products also minimize the AC power
component when the chip is changing states. The result is a programmable microcontroller
peripheral family that replaces discrete circuit components, while drawing less power.
7.0
ZPSD
Background
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - PSD302-B-15M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD302-B-15M STMICROELECTRONICS-PSD302-B-15M Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
More results

Similar Description - PSD302-B-15M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD3XX STMICROELECTRONICS-PSD3XX Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD5XX STMICROELECTRONICS-PSD5XX Datasheet
1Mb / 153P
   Low Cost Field Programmable Microcontroller Peripherals
PSD4XX STMICROELECTRONICS-PSD4XX Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD211R STMICROELECTRONICS-PSD211R Datasheet
348Kb / 51P
   Low Cost Field Programmable Microcontroller Peripherals
ZPSD301B-70J STMICROELECTRONICS-ZPSD301B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD813F2A-90JI STMICROELECTRONICS-PSD813F2A-90JI Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
296Kb / 22P
   Low-Cost Programmable Multi-Protocol Transceivers
SP522 SIPEX-SP522 Datasheet
200Kb / 23P
   Low-Cost Programmable Multi-Protocol Transceivers
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
   Programmable Low-Cost USB Machine (PLUM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com