Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAP476K035CRW Datasheet(PDF) 6 Page - AVX Corporation

Part # TAP476K035CRW
Description  Dipped Radial Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP476K035CRW Datasheet(HTML) 6 Page - AVX Corporation

Back Button TAP476K035CRW Datasheet HTML 2Page - AVX Corporation TAP476K035CRW Datasheet HTML 3Page - AVX Corporation TAP476K035CRW Datasheet HTML 4Page - AVX Corporation TAP476K035CRW Datasheet HTML 5Page - AVX Corporation TAP476K035CRW Datasheet HTML 6Page - AVX Corporation TAP476K035CRW Datasheet HTML 7Page - AVX Corporation TAP476K035CRW Datasheet HTML 8Page - AVX Corporation TAP476K035CRW Datasheet HTML 9Page - AVX Corporation TAP476K035CRW Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MARCH 2013
121
SOLID TANTALUM RESIN DIPPED TAP/TEP
TAPE AND REEL PACKAGING FOR AUTOMATIC COMPONENT INSERTION
TAP/TEP types are all offered on radial tape, in reel or
‘ammo’ pack format for use on high speed radial automatic
insertion equipment, or preforming machines.
The tape format is compatible with EIA 468A standard for
component taping set out by major manufacturers of radial
automatic insertion equipment.
Dipped Radial Capacitors
Tape and Reel Packaging
TAP/TEP – available in three formats. See page 122 for dimensions.
‘B’ wires for normal automatic insertion on
5mm pitch.
BRW suffix for reel
BRS suffix for ‘ammo’ pack
Available in case sizes A - J
‘C’ wires for preforming.
CRW suffix for reel
CRS suffix for ‘ammo’ pack
Available in case sizes A - R
‘S’ and ‘D’ wire for special applications,
automatic insertion on 2.5mm pitch.
SRW, DTW suffix for reel
SRS, DTS suffix for ‘ammo’ pack
Available in case sizes A - J
P2
P1
H3
H1
P
h
W2
W1
H
L
d
T
W
S
D
P
P2
P1
H3
H1
P
h
W2
W1
H
L
d
T
W
S
D
P
P2
P1
H3
H2
H1
P
h
W2
W1
L
d
T
W
S
D
P
S wire


Similar Part No. - TAP476K035CRW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP476K035CCS AVX-TAP476K035CCS Datasheet
118Kb / 3P
   Dipped Radial Capacitors TAP Series
More results

Similar Description - TAP476K035CRW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP685K016SCS AVX-TAP685K016SCS Datasheet
112Kb / 3P
   Dipped Radial Capacitors
TAP106K025CRW AVX-TAP106K025CRW Datasheet
110Kb / 3P
   Dipped Radial Capacitors
TAP475M035SCS AVX-TAP475M035SCS Datasheet
118Kb / 3P
   Dipped Radial Capacitors
TAP156K016SCS AVX-TAP156K016SCS Datasheet
125Kb / 4P
   Dipped Radial Capacitors
TAP224K035SCS AVX-TAP224K035SCS Datasheet
110Kb / 3P
   Dipped Radial Capacitors
logo
HolyStone International
RDH HOLYSTONECAPS-RDH Datasheet
556Kb / 4P
   Radial Dipped Ceramic Capacitors
logo
Cornell Dubilier Electr...
CM05ED430JO3 CDE-CM05ED430JO3 Datasheet
209Kb / 1P
   Radial-Leaded Dipped Mica Capacitors
logo
AVX Corporation
TAP106M025CRW AVX-TAP106M025CRW Datasheet
118Kb / 3P
   Dipped Radial Capacitors TAP Series
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
AVX Corporation
TAP476K025HSB AVX-TAP476K025HSB Datasheet
110Kb / 3P
   Dipped Radial Capacitors TAP Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com