Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2186BST-133 Datasheet(PDF) 5 Page - Analog Devices

Part # ADSP-2186BST-133
Description  DSP Microcomputer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2186BST-133 Datasheet(HTML) 5 Page - Analog Devices

  ADSP-2186BST-133 Datasheet HTML 1Page - Analog Devices ADSP-2186BST-133 Datasheet HTML 2Page - Analog Devices ADSP-2186BST-133 Datasheet HTML 3Page - Analog Devices ADSP-2186BST-133 Datasheet HTML 4Page - Analog Devices ADSP-2186BST-133 Datasheet HTML 5Page - Analog Devices ADSP-2186BST-133 Datasheet HTML 6Page - Analog Devices ADSP-2186BST-133 Datasheet HTML 7Page - Analog Devices ADSP-2186BST-133 Datasheet HTML 8Page - Analog Devices ADSP-2186BST-133 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ADSP-2186
–5–
REV. B
Pin Terminations (Continued)
I/O
Hi-Z
*
Pin
3-State
Reset
Caused
Unused
Name
(Z)
State
By
Configuration
D4 or
I/O (Z)
Hi-Z
BR, EBR
Float
IS
I
I
High (Inactive)
D3 or
I/O (Z)
Hi-Z
BR, EBR
Float
IACK
Float
D2:0 or
I/O (Z)
Hi-Z
BR, EBR
Float
IAD15:13
I/O (Z)
Hi-Z
IS
Float
PMS
O (Z)
O
BR, EBR
Float
DMS
O (Z)
O
BR, EBR
Float
BMS
O (Z)
O
BR, EBR
Float
IOMS
O (Z)
O
BR, EBR
Float
CMS
O (Z)
O
BR, EBR
Float
RD
O (Z)
O
BR, EBR
Float
WR
O (Z)
O
BR, EBR
Float
BR
I
I
High (Inactive)
BG
O (Z)
O
EE
Float
BGH
O
O
Float
IRQ2/PF7
I/O (Z)
I
Input = High (Inactive)
or Program as Output,
Set to 1, Let Float
IRQL1/PF6
I/O (Z)
I
Input = High (Inactive)
or Program as Output,
Set to 1, Let Float
IRQL0/PF5
I/O (Z)
I
Input = High (Inactive)
or Program as Output,
Set to 1, Let Float
IRQE/PF4
I/O (Z)
I
Input = High (Inactive)
or Program as Output,
Set to 1, Let Float
SCLK0
I/O
I
Input = High or Low,
Output = Float
RFS0
I/O
I
High or Low
DR0
I
I
High or Low
TFS0
I/O
O
High or Low
DT0
O
O
Float
SCLK1
I/O
I
Input = High or Low,
Output = Float
RFS1/
IRQ0
I/O
I
High or Low
DR1/FI
I
I
High or Low
TFS1/
IRQ1
I/O
O
High or Low
DT1/FO
O
O
Float
EE
I
I
EBR
II
EBG
OO
ERESET
II
EMS
OO
EINT
II
ECLK
I
I
ELIN
I
I
ELOUT
O
O
NOTES
*Hi-Z = High Impedance.
1. If the CLKOUT pin is not used, turn it OFF, using CLKODIS in SPORT0
autobuffer control register.
2. If the Interrupt/Programmable Flag pins are not used, there are two options:
Option 1: When these pins are configured as INPUTS at reset and function as
interrupts and input flag pins, pull the pins High (inactive).
Option 2: Program the unused pins as OUTPUTS, set them to 1, and let them
float.
3. All bidirectional pins have three-stated outputs. When the pins are configured
as an output, the output is Hi-Z (high impedance) when inactive.
4. CLKIN, RESET, and PF3:0 are not included in the table because these pins
must be used.
Setting Memory Mode
Memory Mode selection for the ADSP-2186 is made during
chip reset through the use of the Mode C pin. This pin is multi-
plexed with the DSP’s PF2 pin, so care must be taken in how
the mode selection is made. The two methods for selecting the
value of Mode C are passive and active.
Passive configuration involves the use of a pull-up or pull-down
resistor connected to the Mode C pin. To minimize power
consumption, or if the PF2 pin is to be used as an output in the
DSP application, a weak pull-up or pull-down, on the order of
100 k
Ω, can be used. This value should be sufficient to pull the
pin to the desired level and still allow the pin to operate as a
programmable flag output without undue strain on the processor’s
output driver. For minimum power consumption during
power-down, reconfigure PF2 to be an input, as the pull-up or
pull-down will hold the pin in a known state, and will not switch.
Active configuration involves the use of a three-stateable exter-
nal driver connected to the Mode C pin. A driver’s output en-
able should be connected to the DSP’s
RESET signal such that
it only drives the PF2 pin when
RESET is active (low). After
RESET is deasserted, the driver should three-state, thus allow-
ing full use of the PF2 pin as either an input or output.
To minimize power consumption during power-down, configure
the programmable flag as an output when connected to a three-
stated buffer. This ensures that the pin will be held at a constant
level and not oscillate should the three-state driver’s level hover
around the logic switching point.
Interrupts
The interrupt controller allows the processor to respond to the
eleven possible interrupts and reset with minimum overhead.
The ADSP-2186 provides four dedicated external interrupt
input pins,
IRQ2, IRQL0, IRQL1 and IRQE (shared with the
PF7:4 pins). In addition, SPORT1 may be reconfigured for
IRQ0, IRQ1, FI and FO, for a total of six external interrupts.
The ADSP-2186 also supports internal interrupts from the
timer, the byte DMA port, the two serial ports, software and the
power-down control circuit. The interrupt levels are internally
prioritized and individually maskable (except power-down and
RESET). The IRQ2, IRQ0 and IRQ1 input pins can be pro-
grammed to be either level- or edge-sensitive.
IRQL0 and IRQL1
are level-sensitive and IRQE is edge-sensitive. The priorities and
vector addresses of all interrupts are shown in Table I.
Table I. Interrupt Priority and Interrupt Vector Addresses
Source Of Interrupt
Interrupt Vector Address (Hex)
Reset (or Power-Up with
PUCR = 1)
0000 (Highest Priority)
Power-Down (Nonmaskable)
002C
IRQ2
0004
IRQL1
0008
IRQL0
000C
SPORT0 Transmit
0010
SPORT0 Receive
0014
IRQE
0018
BDMA Interrupt
001C
SPORT1 Transmit or
IRQ1 0020
SPORT1 Receive or
IRQ0
0024
Timer
0028 (Lowest Priority)


Similar Part No. - ADSP-2186BST-133

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2186BST-133 AD-ADSP-2186BST-133 Datasheet
237Kb / 36P
   DSP Microcomputer
REV. A
ADSP-2186BST-133 AD-ADSP-2186BST-133 Datasheet
293Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2186BST-133 AD-ADSP-2186BST-133 Datasheet
260Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2186BST-133 AD-ADSP-2186BST-133 Datasheet
239Kb / 36P
   DSP Microcomputer
REV. B
More results

Similar Description - ADSP-2186BST-133

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com