Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8005ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8005ARZ
Description  270 MHz, 400 關A Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8005ARZ Datasheet(HTML) 1 Page - Analog Devices

  AD8005ARZ Datasheet HTML 1Page - Analog Devices AD8005ARZ Datasheet HTML 2Page - Analog Devices AD8005ARZ Datasheet HTML 3Page - Analog Devices AD8005ARZ Datasheet HTML 4Page - Analog Devices AD8005ARZ Datasheet HTML 5Page - Analog Devices AD8005ARZ Datasheet HTML 6Page - Analog Devices AD8005ARZ Datasheet HTML 7Page - Analog Devices AD8005ARZ Datasheet HTML 8Page - Analog Devices AD8005ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8005
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
FEATURES
Ultralow Power
400
A Power Supply Current (4 mW on
5 VS)
Specified for Single Supply Operation
High Speed
270 MHz, –3 dB Bandwidth (G = +1)
170 MHz, –3 dB Bandwidth (G = +2)
280 V/ s Slew Rate (G = +2)
28 ns Settling Time to 0.1%, 2 V Step (G = +2)
Low Distortion/Noise
–63 dBc @ 1 MHz, VO = 2 V p-p
–50 dBc @ 10 MHz, VO = 2 V p-p
4.0 nV/
√Hz Input Voltage Noise @ 10 MHz
Good Video Specifications (RL = 1 k , G = +2)
Gain Flatness 0.1 dB to 30 MHz
0.11% Differential Gain Error
0.4 Differential Phase Error
APPLICATIONS
Signal Conditioning
A/D Buffer
Power-Sensitive, High-Speed Systems
Battery Powered Equipment
Loop/Remote Power Systems
Communication or Video Test Systems
Portable Medical Instruments
FUNCTIONAL BLOCK DIAGRAM
8-Lead Plastic DIP and SOIC
1
2
3
4
8
7
6
5
AD8005
NC
–IN
+IN
–VS
NC
+VS
OUT
NC
NC = NO CONNECT
5-Lead SOT-23
4
5
1
2
3
AD8005
–VS
+VS
–IN
OUT
+IN
PRODUCT DESCRIPTION
The AD8005 is an ultralow power, high-speed amplifier with a
wide signal bandwidth of 170 MHz and slew rate of 280 V/
µs.
This performance is achieved while consuming only 400
µA of
quiescent supply current. These features increase the operating
time of high-speed battery-powered systems without reducing
dynamic performance.
FREQUENCY – MHz
0.1
500
10
100
0
3
2
1
–1
–2
–3
–4
–5
–6
VS = ±5V
1
VS = +5V
G = +2
VOUT = 200mV p-p
RL = 1k
Figure 1. Frequency Response; G = +2, VS = +5 V or ±5V
270 MHz, 400 A
Current Feedback Amplifier
The current feedback design results in gain flatness of 0.1 dB
to 30 MHz while offering differential gain and phase errors of
0.11% and 0.4
°. Harmonic distortion is low over a wide
bandwidth with THDs of –63 dBc at 1 MHz and –50 dBc at
10 MHz. Ideal features for a signal conditioning amplifier or
buffer to a high-speed A-to-D converter in portable video,
medical or communication systems.
The AD8005 is characterized for +5 V and
±5 V supplies and
will operate over the industrial temperature range of –40
°C to
+85
°C. The amplifier is supplied in 8-lead plastic DIP, 8-lead
SOIC and 5-lead SOT-23 packages.
FREQUENCY – MHz
20
10
–40
–60
–80
–100
–50
–70
–90
3RD
1
2ND
G = +2
VOUT = 2V p-p
RL = 1k
3RD
2ND
Figure 2. Distortion vs. Frequency; VS = ±5V


Similar Part No. - AD8005ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8005AR AD-AD8005AR Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005AR AD-AD8005AR Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005AR-REEL AD-AD8005AR-REEL Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005AR-REEL AD-AD8005AR-REEL Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005AR-REEL7 AD-AD8005AR-REEL7 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
More results

Similar Description - AD8005ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8005 AD-AD8005 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
   270 MHz, 400A Current Feedback Amplifier
REV. B
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com