Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9789BBC Datasheet(PDF) 4 Page - Analog Devices

Part # AD9789BBC
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBC Datasheet(HTML) 4 Page - Analog Devices

  AD9789BBC Datasheet HTML 1Page - Analog Devices AD9789BBC Datasheet HTML 2Page - Analog Devices AD9789BBC Datasheet HTML 3Page - Analog Devices AD9789BBC Datasheet HTML 4Page - Analog Devices AD9789BBC Datasheet HTML 5Page - Analog Devices AD9789BBC Datasheet HTML 6Page - Analog Devices AD9789BBC Datasheet HTML 7Page - Analog Devices AD9789BBC Datasheet HTML 8Page - Analog Devices AD9789BBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
AD9789
Rev. A | Page 4 of 76
SPECIFICATIONS
DC SPECIFICATIONS
AVDD33 = DVDD33 = 3.3 V, CVDD18 = DVDD18 = 1.8 V, DVDD15 = 1.5 V, fDAC = 2.4 GHz, IFS = 20 mA, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
DAC RESOLUTION
14
Bits
ANALOG OUTPUTS
Offset Error
6.5
% FSR
Gain Error (with Internal Reference)
3.5
% FSR
Full-Scale Output Current (Monotonicity Guaranteed)
8.66
20.2
31.66
mA
Output Compliance Range
−1.0
+1.0
V
Output Resistance
70
Ω
Output Capacitance
1
pF
TEMPERATURE DRIFT
Gain
135
ppm/°C
Reference Voltage
25
ppm/°C
REFERENCE
Internal Reference Voltage
1.2
V
Output Resistance1
5
ANALOG SUPPLY VOLTAGES
AVDD33
3.14
3.3
3.47
V
CVDD18
1.71
1.8
1.89
V
DIGITAL SUPPLY VOLTAGES
DVDD33
3.14
3.3
3.47
V
DVDD18
1.71
1.8
1.89
V
DVDD15
1.43
1.5
1.58
V
SUPPLY CURRENTS AND POWER DISSIPATION
fDAC = 2.4 GSPS, fOUT = 930 MHz, IFS = 25 mA, Four Channels Enabled
IAVDD33
45
mA
IDVDD18
72
mA
ICVDD18
180
mA
IDVDD33
CMOS Interface
42
mA
LVDS Interface
16
mA
IDVDD15
640
mA
fDAC = 2.0 GSPS, fOUT = 70 MHz, IFS = 20 mA, CMOS Interface
IAVDD33
37.4
38.5
mA
IDVDD18
67.3
70.5
mA
ICVDD18
155.4
180
mA
IDVDD33
40.3
50.7
mA
IDVDD15 (Four Channels Enabled, All Signal Processing Enabled)
517
556
mA
IDVDD15 (One Channel Enabled, 16× Interpolation Only)
365
391
mA
Power Dissipation
fDAC = 2.4 GSPS, fOUT = 930 MHz, IFS = 25 mA, Four Channels Enabled
CMOS Interface
1.7
W
LVDS Interface
1.63
W
1 Use an external amplifier to drive any external load.


Similar Part No. - AD9789BBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9789BBCZ AD-AD9789BBCZ Datasheet
1Mb / 76P
   14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
REV. A
More results

Similar Description - AD9789BBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9789BBCZ AD-AD9789BBCZ Datasheet
1Mb / 76P
   14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
REV. A
AD1954YSTZ AD-AD1954YSTZ Datasheet
1Mb / 36P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1953 AD-AD1953 Datasheet
750Kb / 36P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1953 AD-AD1953_15 Datasheet
760Kb / 36P
   SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1954 AD-AD1954_15 Datasheet
1Mb / 36P
   SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1954 AD-AD1954 Datasheet
1Mb / 36P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. A
AD1980 AD-AD1980 Datasheet
750Kb / 32P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9772 AD-AD9772_15 Datasheet
389Kb / 30P
   14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
REV. 0
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com