Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51IC2 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT89C51IC2
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT89C51IC2 Datasheet HTML 1Page - ATMEL Corporation AT89C51IC2 Datasheet HTML 2Page - ATMEL Corporation AT89C51IC2 Datasheet HTML 3Page - ATMEL Corporation AT89C51IC2 Datasheet HTML 4Page - ATMEL Corporation AT89C51IC2 Datasheet HTML 5Page - ATMEL Corporation AT89C51IC2 Datasheet HTML 6Page - ATMEL Corporation AT89C51IC2 Datasheet HTML 7Page - ATMEL Corporation AT89C51IC2 Datasheet HTML 8Page - ATMEL Corporation AT89C51IC2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 127 page
background image
2
AT89C51RB2/RC2
4180E–8051–10/06
The AT89C51RB2/RC2 retains all features of the 80C52 with 256 Bytes of internal
RAM, a 9-source 4-level interrupt controller and three timer/counters.
In addition, the AT89C51RB2/RC2 has a Programmable Counter Array, an XRAM of
1024 Bytes, a Hardware Watchdog Timer, a Keyboard Interface, an SPI Interface, a
more versatile serial channel that facilitates multiprocessor communication (EUART)
and a speed improvement mechanism (X2 mode).
The Pinout is the standard 40/44 pins of the C52.
The fully static design reduces system power consumption of the AT89C51RB2/RC2 by
allowing it to bring the clock frequency down to any value, even DC, without loss of data.
The AT89C51RB2/RC2 has 2 software-selectable modes of reduced activity and 8-bit
clock prescaler for further reduction in power consumption. In Idle mode, the CPU is fro-
zen while the peripherals and the interrupt system are still operating. In power-down
mode, the RAM is saved and all other functions are inoperative.
The added features of the AT89C51RB2/RC2 make it more powerful for applications
that need pulse width modulation, high speed I/O and counting capabilities such as
alarms, motor control, corded phones, and smart card readers.
Table 1. Memory Size
Part Number
Flash (Bytes)
XRAM (Bytes)
TOTAL RAM
(Bytes)
I/O
AT89C51RB2
16K
1024
1280
32
AT89C51RC2
32K
1024
1280
32
AT89C51IC2
32K
1024
1280
32


Similar Part No. - AT89C51IC2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2-RLTIL ATMEL-AT89C51IC2-RLTIL Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2-RLTIL ATMEL-AT89C51IC2-RLTIL Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
More results

Similar Description - AT89C51IC2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51RC2 ATMEL-AT89C51RC2 Datasheet
1Mb / 125P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
T89C51RB2 ATMEL-T89C51RB2_06 Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RB2 ATMEL-AT89C51RB2_06 Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC2_0312 ATMEL-AT89C51RC2_0312 Datasheet
1Mb / 127P
   Microcontroller with 16K/32K Bytes Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
   8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC ATMEL-AT89C51RC_05 Datasheet
429Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com