Electronic Components Datasheet Search |
|
AM2313P Datasheet(PDF) 1 Page - Analog Power |
|
AM2313P Datasheet(HTML) 1 Page - Analog Power |
1 / 5 page 1 AM2313P Analog Power July, 2002 - Rev. A PRELIMINARY Publication Order Number: DS-AM2313_B These miniature surface mount MOSFETs utilize High Cell Density process. Low rDS(on) assures minimal power loss and conserves energy, making this device ideal for use in power management circuitry. Typical applications are voltage control small signal switch, power management in portable and battery-powered products and most low current high side switch. P - Channel Logic Level MOSFET •Low r DS(on) Provides Higher Efficiency and Extends Battery Life • Fast Switch • Low Gate Charge • High Saturation Current • Miniature SOT-23 Surface Mount Package Saves Board Space Notes a. Surface Mounted on 1” x 1” FR4 Board. b. Pulse width limited by maximum junction temperature Symbol Maximum Units t <= 5 sec 350 Steady-State 400 THERMAL RESISTANCE RATINGS Parameter oC/W Maximum Junction-to-Ambient a RTHJA VDS (V) rDS(on) (Ω)ID (A) 10 @ VGS = -10 V -0.2 20 @ VGS = -4.5V -0.12 -60 PRODUCT SUMMARY Symbol Maximum Units VDS -60 VGS ±20 TA=25 oC±0.12 TA=70 oC±0.09 IDM ±1 IS 0.24 A TA=25 oC0.36 TA=70 oC0.29 TJ, Tstg -55 to 150 oC Power Dissipation a PD Operating Junction and Storage Temperature Range W Continuous Source Current (Diode Conduction) a ABSOLUTE MAXIMUM RATINGS (TA = 25 oC UNLESS OTHERWISE NOTED) Parameter Pulsed Drain Current b V Gate-Source Voltage Drain-Source Voltage Continuous Drain Current a ID A D S G |
Similar Part No. - AM2313P |
|
Similar Description - AM2313P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |