Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74ALS240A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM74ALS240A
Description  Octal 3-STATE Bus Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS240A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS240A Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS240A Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS240A Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS240A Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS240A Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS240A Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS240A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006210
www.fairchildsemi.com
September 1986
Revised February 2000
DM74ALS240A • DM74ALS241A
Octal 3-STATE Bus Driver
General Description
These octal 3-STATE bus drivers are designed to provide
the designer with flexibility in implementing a bus interface
with memory, microprocessor, or communication systems.
The output 3-STATE gating control is organized into two
separate groups of four buffers. The DM74ALS240A con-
trol inputs symmetrically enable the respective outputs
when set logic LOW, while the DM74ALS241A has comple-
mentary enable gating. The 3-STATE circuitry contains a
feature that maintains the buffer outputs in 3-STATE (high
impedance state) during power supply ramp-up or ramp-
down. This eliminates bus glitching problems that arise
during power-up and power-down.
Features
s Advanced
low
power
oxide-isolated
ion-implanted
Schottky TTL process
s Functional and pin compatible with the DM74LS coun-
terpart
s Improved switching performance with less power dissi-
pation compared with the DM74LS counterpart
s Switching response specified into 500
Ω and 50 pF load
s Switching response specifications guaranteed over full
temperature and VCC supply range
s PNP input design reduces input loading
s Low level drive current: 74ALS
= 24 mA
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
DM74ALS240A
DM74ALS241A
Order Number
Package Number
Package Description
DM74ALS240AWM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74ALS240ASJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS240AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
DM74ALS241AWM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74ALS241AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Similar Part No. - DM74ALS240A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS240AN FAIRCHILD-DM74ALS240AN Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS240ASJ FAIRCHILD-DM74ALS240ASJ Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS240AWM FAIRCHILD-DM74ALS240AWM Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A_07 Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
More results

Similar Description - DM74ALS240A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS1240A FAIRCHILD-DM74ALS1240A Datasheet
39Kb / 4P
   Octal 3-STATE Bus Driver
DM74ALS244A FAIRCHILD-DM74ALS244A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A_07 Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
74HC_HCT245 PHILIPS-74HC_HCT245_15 Datasheet
137Kb / 22P
   Octal bus tranceiver; 3-state
Rev. 03-31 January 2005
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com