Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZPSD302-B-15J Datasheet(PDF) 5 Page - STMicroelectronics

Part # ZPSD302-B-15J
Description  Low Cost Field Programmable Microcontroller Peripherals
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD302-B-15J Datasheet(HTML) 5 Page - STMicroelectronics

  ZPSD302-B-15J Datasheet HTML 1Page - STMicroelectronics ZPSD302-B-15J Datasheet HTML 2Page - STMicroelectronics ZPSD302-B-15J Datasheet HTML 3Page - STMicroelectronics ZPSD302-B-15J Datasheet HTML 4Page - STMicroelectronics ZPSD302-B-15J Datasheet HTML 5Page - STMicroelectronics ZPSD302-B-15J Datasheet HTML 6Page - STMicroelectronics ZPSD302-B-15J Datasheet HTML 7Page - STMicroelectronics ZPSD302-B-15J Datasheet HTML 8Page - STMicroelectronics ZPSD302-B-15J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
2
2.
Notation
For a complete product comparison, refer to Table 1.
PSD3XX references the standard version of the PSD3XX family, which are ideal for
general-purpose embedded control applications.
PSD3XXR SRAM-less version of the PSD3XX. If you don’t require the 16 Kb SRAM or
need a larger external SRAM, go with this part to save cost.
ZPSD3XX has improved technology that helps reduce current consumption using the Turbo
bit. Excellent if you require a 5 V version of the PSD3XX that uses less power.
ZPSD3XXR SRAM-less version of the ZPSD3XX.
ZPSD3XXV 2.7 V to 5.5 V operation, ideal for very low-power and low-voltage
applications.
ZPSD3XXRV SRAM-less version of the ZPSD3XXV.
Throughout this data sheet, references are made to the PSD3XX. In most cases, these
references also cover the entire family. Exceptions will be noted. References, such as
“3X1 only” cover all parts that have a 301 or 311 in the part number. Use the following table
to determine what references cover which product versions:
Reference
PSD3XX
PSD3XXR
ZPSD3XX
ZPSD3XXR
ZPSD3XXV
ZPSD3XXRV
PSD3XX
XX
X
X
X
X
PSD
PSD3XX only
X
X
Non-ZPSD
X
X
ZPSD only
ZPSD3XX
X
X
X
X
Non-V versions
X
X
X
X
V versions only
V suffix
X
X
ZPSD3XXV only
SRAM-less
XX
X
Non-R
The PSD3XX I/O ports can be used for:
Standard I/O ports
Programmable chip select outputs
Address inputs
Demultiplexed address outputs
A data bus port for non-multiplexed MCU applications
A data bus “repeater” port that shares and arbitrates the local MCU data bus with
external devices.
Implementing your design has never been easier than with PSDsoft —ST’s software
development suite. Using PSDsoft, you can do the following:
Configure your PSD3XX to work with virtually any microcontroller
Specify what you want implemented in the programmable logic using a high-level
Hardware Description Language (HDL)
Simulate your design
Download your design to the part using a programmer.
1.0
Introduction
(cont.)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ZPSD302-B-15J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ZPSD302-B-15J STMICROELECTRONICS-ZPSD302-B-15J Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
More results

Similar Description - ZPSD302-B-15J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD3XX STMICROELECTRONICS-PSD3XX Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD5XX STMICROELECTRONICS-PSD5XX Datasheet
1Mb / 153P
   Low Cost Field Programmable Microcontroller Peripherals
PSD4XX STMICROELECTRONICS-PSD4XX Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD211R STMICROELECTRONICS-PSD211R Datasheet
348Kb / 51P
   Low Cost Field Programmable Microcontroller Peripherals
ZPSD301B-70J STMICROELECTRONICS-ZPSD301B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD813F2A-90JI STMICROELECTRONICS-PSD813F2A-90JI Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
296Kb / 22P
   Low-Cost Programmable Multi-Protocol Transceivers
SP522 SIPEX-SP522 Datasheet
200Kb / 23P
   Low-Cost Programmable Multi-Protocol Transceivers
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
   Programmable Low-Cost USB Machine (PLUM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com