Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZPSD302-B-15M Datasheet(PDF) 8 Page - STMicroelectronics

Part # ZPSD302-B-15M
Description  Low Cost Field Programmable Microcontroller Peripherals
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD302-B-15M Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ZPSD302-B-15M Datasheet HTML 4Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 5Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 6Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 7Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 8Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 9Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 10Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 11Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
5
Use the following table to determine which PSD product will fit your needs. Refer back to
this page whenever there is confusion as to which part has what features.
4.0
PSD3XX Family
Feature
Summary
Typical
# PLD
EPROM
SRAM
Page
Turbo
Bus
Standby
Part
Inputs
Size
Size
Reg
Voltage
Bit
Width
Current
PSD301R
14
256 Kb
5 V
x8 or x16
50 µA
PSD311R
14
256 Kb
5 V
x8
50 µA
PSD302R
18
512 Kb
X
5 V
x8 or x16
50 µA
PSD312R
18
512 Kb
X
5 V
x8
50 µA
PSD303R
18
1 Mb
X
5 V
x8 or x16
50 µA
PSD313R
18
1 Mb
X
5 V
x8
50 µA
ZPSD301R
14
256 Kb
5 V
X
x8 or x16
10 µA
ZPSD311R
14
256 Kb
5 V
X
x8
10 µA
ZPSD302R
18
512 Kb
X
5 V
X
x8 or x16
10 µA
ZPSD312R
18
512 Kb
X
5 V
X
x8
10 µA
ZPSD303R
18
1 Mb
X
5 V
X
x8 or x16
10 µA
ZPSD313R
18
1 Mb
X
5 V
X
x8
10 µA
PSD301
14
256 Kb
16 Kb
5 V
x8 or x16
50 µA
PSD311
14
256 Kb
16 Kb
5 V
x8
50 µA
PSD302
18
512 Kb
16 Kb
X
5 V
x8 or x16
50 µA
PSD312
18
512 Kb
16 Kb
X
5 V
x8
50 µA
PSD303
18
1 Mb
16 Kb
X
5 V
x8 or x16
50 µA
PSD313
18
1 Mb
16 Kb
X
5 V
x8
50 µA
ZPSD301
14
256 Kb
16 Kb
5 V
X
x8 or x16
10 µA
ZPSD311
14
256 Kb
16 Kb
5 V
X
x8
10 µA
ZPSD302
18
512 Kb
16 Kb
X
5 V
X
x8 or x16
10 µA
ZPSD312
18
512 Kb
16 Kb
X
5 V
X
x8
10 µA
ZPSD303
18
1 Mb
16 Kb
X
5 V
X
x8 or x16
10 µA
ZPSD313
18
1 Mb
16 Kb
X
5 V
X
x8
10 µA
ZPSD301V1
14
256 Kb
16 Kb
2.7 V
X
x8 or x16
1 µA
ZPSD311V1
14
256 Kb
16 Kb
2.7 V
X
x8
1 µA
ZPSD302V1
18
512 Kb
16 Kb
X
2.7 V
X
x8 or x16
1 µA
ZPSD312V1
18
512 Kb
16 Kb
X
2.7 V
X
x8
1 µA
ZPSD303V1
18
1 Mb
16 Kb
X
2.7 V
X
x8 or x16
1 µA
ZPSD313V1
18
1 Mb
16 Kb
X
2.7 V
X
x8
1 µA
NOTES: 1. Low power versions of the ZPSD3XX (ZPSD3XXV) can only accept an active-low level Reset input.
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ZPSD302-B-15M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ZPSD302-B-15M STMICROELECTRONICS-ZPSD302-B-15M Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
More results

Similar Description - ZPSD302-B-15M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD3XX STMICROELECTRONICS-PSD3XX Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD5XX STMICROELECTRONICS-PSD5XX Datasheet
1Mb / 153P
   Low Cost Field Programmable Microcontroller Peripherals
PSD4XX STMICROELECTRONICS-PSD4XX Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD211R STMICROELECTRONICS-PSD211R Datasheet
348Kb / 51P
   Low Cost Field Programmable Microcontroller Peripherals
ZPSD301B-70J STMICROELECTRONICS-ZPSD301B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD813F2A-90JI STMICROELECTRONICS-PSD813F2A-90JI Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
296Kb / 22P
   Low-Cost Programmable Multi-Protocol Transceivers
SP522 SIPEX-SP522 Datasheet
200Kb / 23P
   Low-Cost Programmable Multi-Protocol Transceivers
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
   Programmable Low-Cost USB Machine (PLUM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com