Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZPSD302-B-15M Datasheet(PDF) 11 Page - STMicroelectronics

Part # ZPSD302-B-15M
Description  Low Cost Field Programmable Microcontroller Peripherals
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD302-B-15M Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ZPSD302-B-15M Datasheet HTML 7Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 8Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 9Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 10Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 11Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 12Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 13Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 14Page - STMicroelectronics ZPSD302-B-15M Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
8
Name
Type
Description
When the data bus is 8 bits:
This pin is for 8031 or compatible MCUs that use PSEN to
separate program space from data space. In this case, PSEN is
BHE/
used for reads from the EPROM. Note: if your MCU does not
PSEN
I
output a PSEN signal, pull up this pin to VCC.
When the data bus is 16 bits:
This pin is BHE. When low, D8-D15 are read from or written to.
Note: in programming mode, this pin is pulsed between VPP and 0 V.
The following control signals can be connected to this port, based on
WR/VPP
your MCU (and the way you configure the PSD in PSDsoft):
or
I
1. WR—active-low write pulse.
R/W/VPP
2. R/W—active-high read/active-low write input.
Note: in programming mode, this pin must be tied to VPP.
The following control signals can be connected to this port, based on
RD/E/DS
I
your MCU (and the way you configure the PSD in PSDsoft):
1. RD—active-low read input.
2. E—E clock input.
3. DS—active-low data strobe input (3X2/3X3 devices only)
The following control signals can be connected to this port:
1. CSI—Active-low chip select input. If your MCU supports a chip
select output, and you want the PSD to save power when not
A19/CSI
I
selected, use this pin as a chip select input.
2. If you don’t wish to use the CSI feature, you may use this pin as
an additional input (logic or address) to the PAD. A19 can be
latched (with ALE/AS), or a transparent logic input.
PSD3XX/ZPSD3XX:
This pin is user-programmable and can be configured to reset on a
high- or low-level input. Reset must be applied for at least 100 ns.
Reset
I
ZPSD3XXV:
This pin is not configurable, and the chip will only reset on an
active-low level input. Reset must be applied for at least 500 ns,
and no operations may take place for an additional 500 ns minimum.
(See Figure 8.)
If you use an MCU that has a multiplexed bus:
Connect ALE or AS to this pin. The polarity of this pin is configurable.
The trailing edge of ALE/AS latches all multiplexed address inputs
ALE/AS
I
(and BHE where applicable).
If you use an MCU that does not have a multiplexed bus:
If your MCU uses ALE/AS, connect the signal to this pin.
Otherwise, use this pin for a generic logic input to the PAD.
(Non-3X1 devices only.)
These pins make up Port A. These port pins are configurable, and
PA0
can have the following functions: (see Figure 5A and 5B)
PA1
1. Track AD7-AD0. This feature repeats the MCU address and data
PA2
I/O
bus on all Port A pins.
PA3
2. MCU I/O—in this mode, the direction of the pin is defined by its
PA4
direction bit, which resides in the direction register.
PA5
3. Latched address output.
PA6
4. CMOS or open-drain output.
PA7
5. If your MCU is non-multiplexed: data bus input—connect your
data bus (D0-7) to these pins. See Figure 3.
Legend: The Type column abbreviations are: I = input only; I/O = input/output; P = power.
Table 2.
PSD3XX Pin
Descriptions
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ZPSD302-B-15M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ZPSD302-B-15M STMICROELECTRONICS-ZPSD302-B-15M Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
More results

Similar Description - ZPSD302-B-15M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD3XX STMICROELECTRONICS-PSD3XX Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD5XX STMICROELECTRONICS-PSD5XX Datasheet
1Mb / 153P
   Low Cost Field Programmable Microcontroller Peripherals
PSD4XX STMICROELECTRONICS-PSD4XX Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD211R STMICROELECTRONICS-PSD211R Datasheet
348Kb / 51P
   Low Cost Field Programmable Microcontroller Peripherals
ZPSD301B-70J STMICROELECTRONICS-ZPSD301B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD813F2A-90JI STMICROELECTRONICS-PSD813F2A-90JI Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
296Kb / 22P
   Low-Cost Programmable Multi-Protocol Transceivers
SP522 SIPEX-SP522 Datasheet
200Kb / 23P
   Low-Cost Programmable Multi-Protocol Transceivers
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
   Programmable Low-Cost USB Machine (PLUM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com