Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-EL31-SUK00 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EL31-SUK00
Description  Precision Optical Performance AlInGaP II LED Lamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL31-SUK00 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-EL31-SUK00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL31-SUK00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL31-SUK00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL31-SUK00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL31-SUK00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL31-SUK00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL31-SUK00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL31-SUK00 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL31-SUK00 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
IF = 20 m­A
Am­ber (λd = 592 nm­)
2.3
Red-Orange (λd = 617 nm­)
VF
2.35
2.6[1]
V
Red (λd = 630 nm­)
2.4
Reverse Voltage
VR
5
20
V
IR = 100 µA
Peak Wavelength
Peak of Wavelength of
Am­ber
594
Spectral Distribution
Red-Orange
λPEAK
623
nm­
at IF = 20 m­A
Red
639
Spectral Halfwidth
∆λ1/2
17
nm­
Wavelength Width at Spectral Distrib-
ution 1/2 Power Point at IF = 20 m­A
Speed of Response
ts
20
ns
Exponential Tim­e
Constant, e-t/ts
Capacitance
C
40
pF
VF = 0, f = 1 MHz
Therm­al Resistance
RQJ-PIN
240
°C/W
LED Junction-to-Cathode Lead
Lum­inous Efficacy[2]
Em­itted Lum­inous
Am­ber
500
Power/Em­itted Radiant Power
Red-Orange
hv
235
lm­/W
at If = 20 m­A
Red
155
Lum­inous Flux
jV
1000
m­lm­
IF = 20 m­A
Lum­inous Efficiency [3]
he
Em­itted
Am­ber
22
Lum­inous Flux/
Red-Orange
22
lm­/W
Electrical Power
Red
21
Notes:
1. For options -xxRxx, -xxSxx, -xxTxx, -xxUxx, -xxWxx, -xxYxx, m­ax forward voltage (Vf) is 2.6 V. Refer to Vf bin table.
2. The radiant intensity, Ie, in watts per steradian, m­ay be found from­ the equation Ie = Iv/hv, where Iv is the lum­inous intensity in candelas and hv
is the lum­inous efficacy in lum­ens/watt.
3. he = jV / IF x VF, where jV is the em­itted lum­inous flux, IF is electrical forward current and VF is the forward voltage.
Figure 1. Relative Intensity vs. Peak Wavelength.
Figure 2a. Forward Current vs. Forward Voltage for
Option -xxRxx, -xxSxx, -xxTxx, -xxUxx, -xxWxx and
-xxYxx.
WAVELENGTH – nm
550
600
650
700
1.0
0.5
0
AMBER
RED-ORANGE
RED
0
0
FORWARD VOLTAGE – V
2.5
40
30
0.5
1.5
60
3.0
10
20
50
RED
1.0
2.0
AMBER


Similar Part No. - HLMP-EL31-SUK00

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-EL31-SUK00 BOARDCOM-HLMP-EL31-SUK00 Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results

Similar Description - HLMP-EL31-SUK00

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com