Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZPSD303-B-90LI Datasheet(PDF) 7 Page - STMicroelectronics

Part # ZPSD303-B-90LI
Description  Low Cost Field Programmable Microcontroller Peripherals
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD303-B-90LI Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ZPSD303-B-90LI Datasheet HTML 3Page - STMicroelectronics ZPSD303-B-90LI Datasheet HTML 4Page - STMicroelectronics ZPSD303-B-90LI Datasheet HTML 5Page - STMicroelectronics ZPSD303-B-90LI Datasheet HTML 6Page - STMicroelectronics ZPSD303-B-90LI Datasheet HTML 7Page - STMicroelectronics ZPSD303-B-90LI Datasheet HTML 8Page - STMicroelectronics ZPSD303-B-90LI Datasheet HTML 9Page - STMicroelectronics ZPSD303-B-90LI Datasheet HTML 10Page - STMicroelectronics ZPSD303-B-90LI Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
4
3.0
Key Features
t Single-chip programmable peripheral for microcontroller-based applications
t 256K to 1 Mbit of UV EPROM with the following features:
Configurable as 32, 64, or 128 K x 8; or as 16, 32, or 64 K x 16
Divided into eight equally-sized mappable blocks for optimized address mapping
As fast as 70 ns access time, which includes address decoding
t Optional 16 Kbit SRAM is configurable as 2K x 8 or 1K x 16. The access time can be
as quick as 70 ns, including address decoding.
t 19 I/O pins that can be individually configured for :
Microcontroller I/O port expansion
Programmable Address decoder (PAD) I/O
Latched address output
Open-drain or CMOS output
t Two Programmable Arrays (PAD A and PAD B) replace your PLD or decoder, and have
the following features:
Up to 18 Inputs and 24 outputs
40 Product terms (13 for PAD A and 27 for PAD B)
Ability to decode up to 1 MB of address without paging
t Microcontroller logic that eliminates the need for external “glue logic” has the following
features:
Ability to interface to multiplexed and non-multiplexed buses
Built-in address latches for multiplexed address/data bus
ALE and Reset polarity are programmable (Reset polarity not programmable on
V-versions)
Multiple configurations are possible for interface to many different microcontrollers
t Optional built-in page logic expands the MCU address space by up to 16 times
t Programmable power management with standby current as low as 1µA for low-voltage
version
CMiser bit —programmable option to reduce AC power consumption in memory
Turbo Bit (ZPSD only)—programmable bit to reduce AC and DC power consumption
in the PADs.
t Track Mode that allows other microcontrollers or host processors to share access to the
local data bus
t Built-in security locks the device and PAD decoding configuration
t Wide Operating Voltage Range
V-versions: 2.7 to 5.5 volts
Others: 4.5 to 5.5 volts
t Available in a variety of packaging (44-pin PLDCC, CLDCC, TQFP, and PQFP)
t Simple, menu-driven software (PSDsoft) allows configuration and design entry on a PC.
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ZPSD303-B-90LI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ZPSD303-B-90LI STMICROELECTRONICS-ZPSD303-B-90LI Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
More results

Similar Description - ZPSD303-B-90LI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD3XX STMICROELECTRONICS-PSD3XX Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD5XX STMICROELECTRONICS-PSD5XX Datasheet
1Mb / 153P
   Low Cost Field Programmable Microcontroller Peripherals
PSD4XX STMICROELECTRONICS-PSD4XX Datasheet
657Kb / 123P
   Low Cost Field Programmable Microcontroller Peripherals
PSD211R STMICROELECTRONICS-PSD211R Datasheet
348Kb / 51P
   Low Cost Field Programmable Microcontroller Peripherals
ZPSD301B-70J STMICROELECTRONICS-ZPSD301B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD813F2A-90JI STMICROELECTRONICS-PSD813F2A-90JI Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
296Kb / 22P
   Low-Cost Programmable Multi-Protocol Transceivers
SP522 SIPEX-SP522 Datasheet
200Kb / 23P
   Low-Cost Programmable Multi-Protocol Transceivers
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
   Programmable Low-Cost USB Machine (PLUM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com