Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7009 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 7009
Description  Common Mode EMI Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7009 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  7009 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
306 E. Alondra Blvd., Gardena, CA 90247-1059 • (310) 515-1720 • FAX (310) 515-1962
www .jwmiller .com
Dual-Line Toroid Inductors
85
Special Features
Dual winding
Low radiation
High current capacity
High inductance
Dielectric strength 1000Vrms
Mounted on VW-1 rated
header
Fixed pins for easy PCB
insertion
Operating temperature -55 to
+105°C
7000 Series
L (uH)
L (uH)
DCR
Dim.
Dim.
Dim.
Dim.
Dim.
Part
±15%
Idc
±15%
(
Ω)A
B
C
D
E
Number @ 1KHz
(A) @ I rated
Max.
Max.
Max. ±0.015 ±0.015 Max.
7001
2.5
11.0
1.25
0.004
0.875
0.425
0.600
0.250
1.00
7002
6.0
5.50
3.0
0.007
0.875
0.425
0.600
0.250
1.00
7003
31.25
2.75
17.5
0.060
0.875
0.425
0.600
0.250
1.00
7004
68.75
2.00
37.5
0.120
0.875
0.425
0.600
0.250
1.00
7005
112.5
1.50
62.5
0.245
0.875
0.425
0.600
0.250
1.00
7006
6.25
9.00
3.75
0.006
1.125
0.600
0.800
0.400
1.25
7007
18.75
5.00
10
0.020
1.125
0.600
0.800
0.400
1.25
7008
100
2.25
56.25
0.165
1.125
0.600
0.800
0.400
1.25
7009
200
1.75
118.75
0.320
1.125
0.600
0.800
0.400
1.25
7010
250
1.50
143.75
0.470
1.125
0.600
0.800
0.400
1.25
7011
12.5
9.50
6.25
0.006
1.25
0.800
0.900
0.600
1.375
7012
37.5
4.75
21.25
0.023
1.25
0.800
0.900
0.600
1.375
7013
175
2.25
100
0.210
1.25
0.800
0.900
0.600
1.375
7014
312.5
1.75
187.5
0.430
1.25
0.800
0.900
0.600
1.375
7015
400
1.50
237.5
0.640
1.25
0.800
0.900
0.600
1.375
7016
31.25
7.75
16.25
0.016
1.812
0.900
1.20
0.700
1.95
7017
125
4.00
68.75
0.075
1.812
0.900
1.20
0.700
1.95
7018
275
2.50
162.5
0.165
1.812
0.900
1.20
0.700
1.95
7019
562.5
1.75
281.25
0.460
1.812
0.900
1.20
0.700
1.95
7020
1125
1.25
562.5
1.320
1.812
0.900
1.20
0.700
1.95
7021
62.5
8.00
31.75
0.021
2.125
1.10
1.50
0.900
2.25
7022
225
3.75
125
0.088
2.125
1.10
1.50
0.900
2.25
7023
450
2.50
250
0.240
2.125
1.10
1.50
0.900
2.25
7024
1000
1.75
525
0.580
2.125
1.10
1.50
0.900
2.25
7025
2000
1.00
1125
1.670
2.125
1.10
1.50
0.900
2.25
0.040
C
D
0.15
0.09
E
0.032 min
A
B
4
3
1
2
7001-7005
4
3
1
2
D
0.20
C
0.050
E
0.032 min
A
B
4
3
1
2
4
3
1
2
7006-7025


Similar Part No. - 7009

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7009 BOURNS-7009 Datasheet
54Kb / 1P
   All-Weather Enclosure
7009-00-A BOURNS-7009-00-A Datasheet
54Kb / 1P
   All-Weather Enclosure
7009-00-B BOURNS-7009-00-B Datasheet
54Kb / 1P
   All-Weather Enclosure
7009-00-C BOURNS-7009-00-C Datasheet
54Kb / 1P
   All-Weather Enclosure
7009-01-C BOURNS-7009-01-C Datasheet
54Kb / 1P
   All-Weather Enclosure
More results

Similar Description - 7009

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7122 BOURNS-7122 Datasheet
89Kb / 1P
   Common Mode EMI Chokes
7100 BOURNS-7100 Datasheet
75Kb / 1P
   Common Mode EMI Chokes
logo
Allied Components Inter...
ACM0801CS ALLIED-ACM0801CS Datasheet
270Kb / 1P
   COMMON MODE CHOKES Excellent EMI performance
ACM0434CI ALLIED-ACM0434CI Datasheet
329Kb / 1P
   COMMON MODE CHOKES Excellent EMI performance
logo
Ferroxcube Internationa...
CMS2-5.6-4S2 FERROXCUBE-CMS2-5.6-4S2 Datasheet
91Kb / 9P
   SMD common mode chokes EMI-suppression products
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com