Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2322N Datasheet(PDF) 2 Page - Analog Power

Part # AM2322N
Description  N-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2322N Datasheet(HTML) 2 Page - Analog Power

  AM2322N Datasheet HTML 1Page - Analog Power AM2322N Datasheet HTML 2Page - Analog Power AM2322N Datasheet HTML 3Page - Analog Power AM2322N Datasheet HTML 4Page - Analog Power AM2322N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
AM2322N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM2322_F
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typical” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1.0
1.5
3
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = 8 V
4
100
nA
VDS = 16 V, VGS = 0 V
7
1
VDS = 20 V, VGS = 0 V, TJ = 55
oC
10
On-State Drain Current
A
ID(on)
VDS = 5 V, VGS = 4.5 V
6
A
VGS = 10 V, ID = 2.5 A
62
85
VGS = 4.5 V, ID = 1.7 A
102
125
Forward Tranconductance
A
gfs
VDS = 5 V, ID = 3.0 A
3.5
S
Diode Forward Voltage
VSD
IS = 0.46 A, VGS = 0 V
0.65
V
Total Gate Charge
Qg
3.5
7
Gate-Source Charge
Qgs
0.8
2
Gate-Drain Charge
Qgd
1.0
2
Input Capacitance
Ciss
720
1500
Output Capacitance
Coss
165
400
Reverse Transfer Capacitance
Crss
60
200
Turn-On Delay Time
td(on)
10
20
Rise Time
tr
13
30
Turn-Off Delay Time
td(off)
14
30
Fall-Time
tf
420
VDS = 15 V, VGS = 0 V,
f = 1MHz
pF
Unit
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
V
Test Conditions
Symbol
Parameter
Limits
V
DD = 10 V,
ID = 1 A ,
R
G = 6 Ω,
VGEN = 4.5 V
ns
Drain-Source On-Resistance
A
Dynamic
b
VDS = 10 V, VGS = 4.5 V,
ID = 2.5 A
nC
mΩ
rDS(on)


Similar Part No. - AM2322N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
   Digital Temperature and Humidity Sensor
logo
Power-One
AM2320-7 POWER-ONE-AM2320-7 Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Analog Power
AM2320NE ANALOGPOWER-AM2320NE Datasheet
359Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
List of Unclassifed Man...
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
   Digital Temperature and Humidity Sensor
logo
Analog Power
AM2321P ANALOGPOWER-AM2321P Datasheet
346Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - AM2322N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com