Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2325P Datasheet(PDF) 4 Page - Analog Power

Part # AM2325P
Description  P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2325P Datasheet(HTML) 4 Page - Analog Power

  AM2325P Datasheet HTML 1Page - Analog Power AM2325P Datasheet HTML 2Page - Analog Power AM2325P Datasheet HTML 3Page - Analog Power AM2325P Datasheet HTML 4Page - Analog Power AM2325P Datasheet HTML 5Page - Analog Power AM2325P Datasheet HTML 6Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
AM2325P
Analog Power
Publication Order Number:
DS-AM2325_J
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
t1, TIME (SEC)
SINGLE PULSE
RqJA = 125oC/W
TA = 25oC
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIM E (s ec)
S INGLE P ULS E
0.01
0.02
0.0
0.1
0.2
D = 0.5
Rq
JA(t) = r(t) + R qJA
Rq
JA = 125 °C /W
T
J - TA = P *R qJA(t)
Duty Cycle, D = t1/ t2
P (pk
t1
t2
Typical Electrical Characteristics
Figure 11. Transient Thermal Response Curve
Figure 10. Single Pulse Maximum Power Dissipation
Figure 9. Vth Gate to Source Voltage Vs Temperature
Figure 7. Source-Drain Diode Forward Voltage
Figure 8. On-Resistance with Gate to Source Voltage
Normalized Thermal Transient Junction to Ambient
0.4
0.6
0.8
1
1.2
-50
-25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (
oC)
ID = -250µA
ID=-3.6A
0
0.03
0.06
0.09
0.12
0.15
12
3
4
5
-VGS, GATE TO SOURCE VOLTAGE (V)


Similar Part No. - AM2325P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
   Digital Temperature and Humidity Sensor
logo
Power-One
AM2320-7 POWER-ONE-AM2320-7 Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Analog Power
AM2320NE ANALOGPOWER-AM2320NE Datasheet
359Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
List of Unclassifed Man...
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
   Digital Temperature and Humidity Sensor
logo
Analog Power
AM2321P ANALOGPOWER-AM2321P Datasheet
346Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - AM2325P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com