Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74ALS241A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74ALS241A
Description  Octal 3-STATE Bus Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS241A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS241A Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS241A Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS241A Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS241A Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS241A Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS241A Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS241A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Switching Characteristics DM74ALS240A
over recommended operating free air temperature range
Switching Characteristics DM74ALS241A
over recommended operating free air temperature range
Symbol
Parameter
Conditions
From
(Input)
To
(Output)
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V,
29
ns
LOW-to-HIGH Level Output
CL = 50 pF,
AY
tPHL
Propagation Delay Time
R1
= 500Ω,
29
ns
HIGH-to-LOW Level Output
R2
= 500Ω,
tPZH
Output Enable Time
TA = Min to Max
313
ns
to HIGH Level Output
G
Y
tPZL
Output Enable Time
318
ns
to LOW Level Output
tPHZ
Output Disable Time
210
ns
from HIGH Level Output
G
Y
tPLZ
Output Disable Time
312
ns
from LOW Level Output
Symbol
Parameter
Conditions
From
(Input)
To
(Output)
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V,
311
ns
LOW-to-HIGH Level Output
CL = 50 pF,
AY
tPHL
Propagation Delay Time
R1
= 500Ω,
310
ns
HIGH-to-LOW Level Output
R2
= 500Ω,
tPZH
Output Enable Time
TA = Min to Max
321
ns
to HIGH Level Output
1G
Y
tPZL
Output Enable Time
321
ns
to HIGH Level Output
tPHZ
Output Disable Time
210
ns
to HIGH Level Output
1G
Y
tPLZ
Output Disable Time
315
ns
to LOW Level Output
tPZH
Output Enable Time
721
ns
to HIGH Level Output
2G
Y
tPZL
Output Enable Time
721
ns
to LOW Level Output
tPHZ
Output Disable Time
210
ns
from HIGH Level Output
2G
Y
tPLZ
Output Disable Time
315
ns
from LOW Level Output


Similar Part No. - DM74ALS241A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS241A FAIRCHILD-DM74ALS241A Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS241AWM FAIRCHILD-DM74ALS241AWM Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
More results

Similar Description - DM74ALS241A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS1240A FAIRCHILD-DM74ALS1240A Datasheet
39Kb / 4P
   Octal 3-STATE Bus Driver
DM74ALS244A FAIRCHILD-DM74ALS244A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A_07 Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
74HC_HCT245 PHILIPS-74HC_HCT245_15 Datasheet
137Kb / 22P
   Octal bus tranceiver; 3-state
Rev. 03-31 January 2005
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com