Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2332N Datasheet(PDF) 4 Page - Analog Power

Part # AM2332N
Description  N-Channel 20V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2332N Datasheet(HTML) 4 Page - Analog Power

  AM2332N Datasheet HTML 1Page - Analog Power AM2332N Datasheet HTML 2Page - Analog Power AM2332N Datasheet HTML 3Page - Analog Power AM2332N Datasheet HTML 4Page - Analog Power AM2332N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
AM2332N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM2332_E
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100
125
150
175
TA, AMBIENT TEMPERATURE (
oC)
VDS = VGS
ID = 250mA
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
VGS = 0V
0
0.02
0.04
0.06
0.08
0.1
24
68
10
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 25
oC
I
D = 5.3A
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (s e c)
S INGLE P ULS E
0.01
0.02
0.0
0.1
0.2
D = 0.5
Rq J A(t) = r(t) + Rq JA
Rq J A = 1 2 5 oC/W
TJ - TA = P * Rq JA(t)
Duty Cycle, D = t1 / t2
P(p k)
t1
t2
Typical Electrical Characteristics (N-Channel)
Figure 11. Transient Thermal Response Curve
Figure 10. Single Pulse Maximum Power Dissipation
Figure 9. Vth Gate to Source Voltage Vs Temperature
Figure 7. Transfer Characteristics
Figure 8. On-Resistance with Gate to Source Voltage
Normalized Thermal Transient Junction to Ambient
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
t1, TIME (SEC)
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC


Similar Part No. - AM2332N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2330N ANALOGPOWER-AM2330N Datasheet
104Kb / 5P
   N-Channel 30-V (D-S) MOSFET
AM2330NE ANALOGPOWER-AM2330NE Datasheet
220Kb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM2333 AITSEMI-AM2333 Datasheet
776Kb / 8P
   MOSFET 12V P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
AM2333E3R AITSEMI-AM2333E3R Datasheet
776Kb / 8P
   MOSFET 12V P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
AM2333E3VR AITSEMI-AM2333E3VR Datasheet
776Kb / 8P
   MOSFET 12V P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
More results

Similar Description - AM2332N

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS23N20Z BWTECH-MS23N20Z Datasheet
789Kb / 6P
   N-Channel 20V (D-S) MOSFET
logo
Analog Power
AM3428N ANALOGPOWER-AM3428N Datasheet
166Kb / 3P
   N-Channel 20V (D-S) MOSFET
AM1320N ANALOGPOWER-AM1320N Datasheet
192Kb / 4P
   N-Channel 20V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
4410AGM VBSEMI-4410AGM Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
4800AGM-HF VBSEMI-4800AGM-HF Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
4800BGM-HF VBSEMI-4800BGM-HF Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
SPN4412WS8RGB VBSEMI-SPN4412WS8RGB Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
AM9410N-T1-PF VBSEMI-AM9410N-T1-PF Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
AO4418 VBSEMI-AO4418 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
11D3L VBSEMI-11D3L Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com