Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2332N Datasheet(PDF) 1 Page - Analog Power

Part # AM2332N
Description  N-Channel 20V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2332N Datasheet(HTML) 1 Page - Analog Power

  AM2332N Datasheet HTML 1Page - Analog Power AM2332N Datasheet HTML 2Page - Analog Power AM2332N Datasheet HTML 3Page - Analog Power AM2332N Datasheet HTML 4Page - Analog Power AM2332N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
AM2332N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM2332_E
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) (Ω)ID (A)
0.058 @ VGS = 4.5 V
4.7
0.082 @ VGS = 2.5V
4.0
PRODUCT SUMMARY
20
N-Channel 20V (D-S) MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
SOT-23 saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol Maximum Units
VDS
20
VGS
±12
TA=25
oC4.7
TA=70
oC3.8
IDM
±20
IS
1.6
A
TA=25
oC1.3
TA=70
oC0.8
TJ, Tstg -55 to 150
oC
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Symbol Maximum Units
t <= 5 sec
100
Steady-State
166
THERMAL RESISTANCE RATINGS
Parameter
oC/W
Maximum Junction-to-Ambient
a
RTHJA
D
S
G


Similar Part No. - AM2332N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2330N ANALOGPOWER-AM2330N Datasheet
104Kb / 5P
   N-Channel 30-V (D-S) MOSFET
AM2330NE ANALOGPOWER-AM2330NE Datasheet
220Kb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM2333 AITSEMI-AM2333 Datasheet
776Kb / 8P
   MOSFET 12V P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
AM2333E3R AITSEMI-AM2333E3R Datasheet
776Kb / 8P
   MOSFET 12V P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
AM2333E3VR AITSEMI-AM2333E3VR Datasheet
776Kb / 8P
   MOSFET 12V P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
More results

Similar Description - AM2332N

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS23N20Z BWTECH-MS23N20Z Datasheet
789Kb / 6P
   N-Channel 20V (D-S) MOSFET
logo
Analog Power
AM3428N ANALOGPOWER-AM3428N Datasheet
166Kb / 3P
   N-Channel 20V (D-S) MOSFET
AM1320N ANALOGPOWER-AM1320N Datasheet
192Kb / 4P
   N-Channel 20V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
4410AGM VBSEMI-4410AGM Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
4800AGM-HF VBSEMI-4800AGM-HF Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
4800BGM-HF VBSEMI-4800BGM-HF Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
SPN4412WS8RGB VBSEMI-SPN4412WS8RGB Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
AM9410N-T1-PF VBSEMI-AM9410N-T1-PF Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
AO4418 VBSEMI-AO4418 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
11D3L VBSEMI-11D3L Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com